전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA14FBG-R

  • AI
    The **MA14FBG-R** is a specific electronic component primarily identified as a high-precision, high-reliability surface mount **Fixed Resistor** or a specialized **Magnetic/Proximity Sensor** component depending on the specific manufacturer series (commonly associated with Murata or magnetic reed technologies). Below is a breakdown of its technical characteristics and typical specifications. --- ### 1. Technical Specifications This component is designed for precision applications where stability and tolerance are critical. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Resistor / Precision Chip | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package / Case** | 0603 or 1210 (Series Dependent) | | **Tolerance** | ±1% to ±5% | | **Power Rating** | 1/10W to 1/4W | | **Operating Temp** | -55°C to +125°C | | **Termination** | Lead-Free / RoHS Compliant | --- ### 2. Key Internal Parts & Construction The "MA" series construction focuses on durability and environmental resistance. * **Substrate:** Usually a high-grade Alumina ceramic base which provides excellent thermal dissipation and mechanical strength. * **Resistive Element:** A thick film or metal film layer deposited onto the substrate. * **Protective Coating:** An epoxy or glass-based overcoat that shields the internal element from moisture and oxidation. * **Terminations:** Multi-layer end electrodes consisting of a Silver (Ag) base, a Nickel (Ni) barrier to prevent leaching, and a Tin (Sn) finish for optimal solderability. --- ### 3. Application Areas The **MA14FBG-R** is typically used in circuits requiring stable performance under varying temperatures: 1. **Consumer Electronics:** Power management modules and signal conditioning. 2. **Automotive Systems:** Used in ECU (Engine Control Unit) sensors and lighting controls due to high heat resistance. 3. **Industrial Automation:** Integrated into PLC (Programmable Logic Controller) boards for signal precision. 4. **Telecommunications:** Network routers and base station power supply units. --- ### 4. Part Number Breakdown (General Logic) While manufacturers vary, the suffix codes typically represent the following: * **MA14:** Series identifier (Size and Power class). * **F:** Tolerance code (Often representing ±1%). * **BG:** Material or Temperature Coefficient (TCR) characteristic. * **-R:** Packaging code (Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the MA14FBG-R variant?
    • ⤷ How does the 'R' suffix affect the automated assembly process?
    • ⤷ Are there recommended substitutes with higher power ratings?