전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA14TCG-R

  • AI
    The **MA14TCG-R** is a specific model of a **Miniature Electromechanical Relay**, typically manufactured by companies like **CIT Relay & Switch**. It is designed for PCB (Printed Circuit Board) mounting and is commonly used in automotive and industrial applications where high current switching is required in a small footprint. --- ## Technical Specifications The following table outlines the primary electronic characteristics of the MA14TCG-R: | Parameter | Specification | | :--- | :--- | | **Contact Arrangement** | 1C (SPDT - Single Pole Double Throw) | | **Coil Voltage** | 12VDC (Standard) | | **Contact Rating (Resistive)** | 35A @ 14VDC / 15A @ 28VDC | | **Max Switching Voltage** | 75VDC | | **Max Switching Power** | 490W | | **Coil Power Consumption** | Approx. 1.2W | | **Contact Material** | AgSnO₂ (Silver Tin Oxide) | | **Terminal Type** | PCB Terminals | --- ## Part Number Breakdown Understanding the suffix helps identify the specific construction of the relay: * **MA14**: Series designation (High capacity miniature automotive relay). * **T**: Contact Material (T typically denotes **AgSnO₂**, which is excellent for handling high inrush currents and resisting welding). * **C**: Contact Form (**SPDT** / 1 Form C). * **G**: Enclosure Type (**G** usually indicates a **Heat Sink** or a specific vented/sealed cover style depending on the manufacturer's revision). * **R**: Internal Component (**R** indicates an integrated **Resistor** across the coil for transient voltage suppression). --- ## Key Electronic Features ### 1. Integrated Coil Suppression (The "R") The "R" in the part number indicates an internal resistor wired in parallel with the coil. When the relay is turned off, the collapsing magnetic field creates a voltage spike (Back EMF). The resistor dissipates this energy, protecting sensitive driver circuits (like transistors or microcontrollers) from damage. ### 2. Contact Material (AgSnO₂) The use of Silver Tin Oxide is critical for automotive loads. It provides: * High resistance to contact welding. * Better performance under inductive loads (motors, solenoids). * Longevity under high-cycle switching. ### 3. Footprint and Form Factor The relay is designed for high-density packaging. Despite its small size, it can switch up to **35 Amps**, making it ideal for: * Power windows and locks. * Windshield wipers. * Fuel pumps. * Heating and cooling fans. --- ## Application Circuit Example When wiring the MA14TCG-R, the internal resistor simplifies the circuit: ```c // Internal Logic Representation Coil Pin 85 ----+-----------+---- Ground | | [Coil] [Resistor] <-- Internal Suppression | | Coil Pin 86 ----+-----------+---- +12V Trigger ```
    ✨ Follow-up Questions
    • ⤷ What are the advantages of using a resistor over a diode for coil suppression in this relay?
    • ⤷ Can the MA14TCG-R be used for 24V automotive systems?
    • ⤷ What is the mechanical life expectancy of this relay series?