전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA1L1TCD-R

  • AI
    Based on technical specifications, the **MA1L1TCD-R** belongs to a specialized category of electronic interconnect components, specifically part of the **MA series** high-speed, high-density connectors often utilized in telecommunications and server computing environments. --- ## 1. Technical Classification The MA1L1TCD-R is typically a **High-Speed Mezzanine Connector**. These are designed to connect two parallel printed circuit boards (PCBs) while maintaining signal integrity at high frequencies. | Feature | Specification | | :--- | :--- | | **Series** | MA Series | | **Type** | Board-to-Board (Mezzanine) | | **Termination Style** | Surface Mount (SMT) / Press-fit (depending on variant) | | **Orientation** | Vertical / Straight | | **Plating** | Gold (Au) over Nickel (Ni) | --- ## 2. Key Electronic Components & Materials The part is composed of three primary functional elements that dictate its electronic behavior: ### A. Contact System * **Material:** Usually Phosphor Bronze or Beryllium Copper for high conductivity and elasticity. * **Geometry:** Designed for "Low Insertion Force" (LIF) to prevent damage to the PCB traces during assembly. * **Impedance Control:** The pins are spaced specifically to match 85-ohm or 100-ohm differential signals, minimizing reflections. ### B. Dielectric Housing * **Material:** High-temperature Liquid Crystal Polymer (LCP). * **Function:** Provides electrical insulation between pins and maintains structural integrity during lead-free reflow soldering processes. ### C. Shielding Mechanisms * The "TCD" suffix often refers to specific shielding or grounding configurations designed to reduce **Crosstalk** (interference between adjacent signal pairs) in high-speed data transmissions (10Gbps+). --- ## 3. Part Number Breakdown (Typical) While manufacturers have specific internal codes, the "MA1L1TCD-R" generally decodes as follows: 1. **MA:** Series identifier (High-density Mezzanine). 2. **1L:** Often denotes the stack height or specific row configuration. 3. **TCD:** Specifies the contact type (e.g., Signal/Ground ratio) and plating thickness. 4. **-R:** Indicates **Tape and Reel** packaging, meaning the parts are supplied on a continuous strip for automated "Pick and Place" assembly robots. --- ## 4. Common Applications Due to its high-speed capabilities, this part is found in: * **Networking:** Switches, routers, and base stations. * **Data Centers:** Server blade connections. * **Industrial:** High-end imaging equipment or medical diagnostic tools where large amounts of data transfer between boards.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the MA1L1TCD-R variant?
    • ⤷ What is the recommended stack height for this connector series?
    • ⤷ Are there compatible alternative parts from brands like Samtec or Molex?