전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA22TAA-R

  • AI
    The **MA22TAA-R** is a specific electronic component typically identified as an **Electromechanical AC Hour Meter** or a **Time Indicator**, often manufactured by companies like **Trumeter** or similar industrial timing specialists. --- ## 1. Core Specifications The "MA22" series is designed for monitoring the runtime of electrical equipment to facilitate maintenance scheduling and usage tracking. | Parameter | Typical Specification | | :--- | :--- | | **Voltage Range** | 230V AC (Standard) | | **Frequency** | 50Hz or 60Hz (Model dependent) | | **Display Type** | 7-Digit Mechanical Counter | | **Maximum Reading** | 99,999.99 Hours | | **Mounting Style** | Panel Mount (Circular or Rectangular with adapters) | | **Reset Capability** | Non-resettable (for tamper-proof logging) | --- ## 2. Component Breakdown The device consists of several internal electronic and mechanical parts working in tandem: ### A. Synchronous Motor The heart of the device. It utilizes the frequency of the AC mains (50/60Hz) to rotate at a highly precise, constant speed. Because AC frequency is strictly regulated by power grids, it acts as a reliable "clock." ### B. Gear Train A series of high-precision plastic or metal gears reduce the high-speed rotation of the motor down to a rate that advances the "tenths of an hour" wheel on the display. ### C. Termination * **Rear Terminals:** Usually features spade terminals (6.3mm) or screw terminals for power input. * **Housing:** Typically made of self-extinguishing plastic (Noryl or Polycarbonate) to meet safety standards. --- ## 3. Circuit Integration Integrating this part into a system is straightforward as it is wired in parallel with the load it is monitoring. ```mermaid graph LR A[Power Source] --> B[Switch/Contactor] B --> C[Motor/Machine] B --> D[MA22TAA-R Hour Meter] D --> E[Neutral] C --> E ``` ### Key Technical Notes: 1. **Non-Volatile Memory:** Because it is mechanical, the "memory" of the hours recorded is stored by the physical position of the number wheels. It retains its data even during a total power failure without needing a battery. 2. **Environmental Rating:** Most models are IP65 rated on the front face, making them resistant to dust and moisture in industrial environments. 3. **The "-R" Suffix:** Often denotes a specific mounting configuration (e.g., Round bezel) or RoHS compliance depending on the specific manufacturer's catalog. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring differences between an AC hour meter and a DC hour meter?
    • ⤷ Can the MA22TAA-R be used on a circuit with a Variable Frequency Drive (VFD)?
    • ⤷ How do I calculate the power consumption of this meter for a control panel budget?