전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA22TCG-R

  • AI
    The **MA22TCG-R** is a specific electronic component typically categorized as a **Surface Mount (SMT) Inductor** or a specialized magnetic component used in power management and signal conditioning. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications The part number generally corresponds to high-frequency, compact inductors used in mobile devices and automotive electronics. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Fixed Inductor (Power Inductor) | | **Inductance** | 2.2 µH (Commonly indicated by '22' in the code) | | **Tolerance** | ±20% or ±30% (Standard for power inductors) | | **Mounting Type** | Surface Mount Technology (SMT/SMD) | | **Package Size** | Miniature (likely 2.0 x 1.6mm or 2.5 x 2.0mm) | | **Shielding** | Magnetically Shielded (Reduces EMI) | --- ## 2. Key Electronic Features ### A. Core Material The "TCG" series often utilizes a **Metal Alloy** or **Metal Composite** core. Unlike traditional ferrite cores, metal alloy cores offer: * **Soft Saturation:** The inductance drops gradually as current increases, preventing sudden circuit failure. * **High Current Handling:** Capable of managing higher DC currents in a smaller footprint. ### B. Thermal Stability The `-R` suffix usually denotes **RoHS Compliance** (Lead-free) and high reliability. These parts are designed to operate efficiently across a wide temperature range, typically **-40°C to +125°C**. ### C. Low DC Resistance (DCR) To maximize battery life and minimize heat dissipation, the MA22TCG-R is engineered with very low internal resistance. This ensures high efficiency in DC-DC conversion stages. --- ## 3. Application Areas These parts are integral to modern power supply circuits, specifically: 1. **DC-DC Converters:** Used in "Buck" or "Boost" converters to regulate voltage. 2. **Smartphones & Tablets:** Ideal for CPU/GPU power lines due to their small size. 3. **Wearable Tech:** Provides high performance in space-constrained designs. 4. **Noise Filtering:** Acts as a low-pass filter to remove high-frequency noise from power rails. --- ## 4. Typical Circuit Integration In a standard switching regulator circuit, the MA22TCG-R would be placed as follows: ```mermaid graph LR A[Input Voltage] --> B[Switching IC] B --> C[MA22TCG-R Inductor] C --> D[Output Capacitor] D --> E[Load/Processor] ```
    ✨ Follow-up Questions
    • ⤷ What are the maximum current ratings for the MA22TCG-R?
    • ⤷ How does a metal alloy core compare to a ferrite core in this component?
    • ⤷ Are there specific footprints or PCB layout recommendations for this inductor?