전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA23TAA-R

  • AI
    Based on the part number provided, the **MA23TAA-R** typically refers to a specific series of **Rotary Electromechanical Solenoids** or specialized **Actuators**, often associated with brands like **Magton** or similar industrial component manufacturers. Below is a breakdown of the electronic and mechanical characteristics of this component. --- ## 1. Component Overview The MA23TAA-R is a rotary solenoid designed to convert electrical energy into a specific angular displacement (rotation). Unlike standard motors, these are used for short, high-speed, and high-torque bursts of movement. ### Technical Specifications (Typical) | Feature | Description | | :--- | :--- | | **Component Type** | Rotary Solenoid | | **Voltage Rating** | Generally 12V or 24V DC (Model dependent) | | **Rotation Angle** | Fixed (e.g., 25°, 35°, 45°, 67.5°, or 95°) | | **Direction** | Clockwise (CW) or Counter-Clockwise (CCW) | | **Duty Cycle** | Intermittent or Continuous (Determined by "TAA" suffix) | | **Return Mechanism** | Internal Return Spring | --- ## 2. Key Electronic Parts & Construction The internal assembly of the MA23TAA-R consists of several critical electronic and magnetic elements: ### A. The Coil (The Electromagnet) The heart of the unit is a copper wire coil wound around a bobbin. When current flows through it, it creates a magnetic field. * **Insulation:** Usually Class H (180°C) to withstand heat from high-speed cycling. * **Resistance:** Rated in Ohms; determines the current draw at a specific voltage ($I = V/R$). ### B. The Armature (The Moving Part) A ferrous metal plate that is pulled toward the coil by the magnetic field. In a rotary solenoid, the linear pull is converted into rotation via a **Ball Race** system. * **Three-ball design:** Most units use three precision steel balls in inclined grooves to translate linear motion to rotation. ### C. The Lead Wires * **Wire Gauge:** Typically 22-26 AWG. * **Termination:** Usually tinned leads or specific connectors. * **Protection:** The "-R" suffix often indicates **RoHS Compliance**, meaning the lead solder and materials are free of hazardous substances like lead or cadmium. --- ## 3. Operational Logic The electronic control of this part is straightforward but requires protection: 1. **Pulse Width Modulation (PWM):** Often used to reduce "holding current" to prevent the coil from overheating. 2. **Flyback Diode:** Because the coil is an **inductor**, a diode must be placed across the terminals (in reverse bias) to prevent voltage spikes from destroying the controlling transistor/PLC when the power is cut. ```python # Pseudo-code logic for driving a Rotary Solenoid if trigger_input == HIGH: apply_voltage(SOLENOID_PIN) # Actuate wait(20) # Time to reach full rotation hold_voltage(LOW_CURRENT) # Prevent overheating else: cutoff_voltage(SOLENOID_PIN) # Spring returns it to 0 ``` --- ## 4. Common Applications * **Sorting Gates:** Diverting items on a high-speed conveyor belt. * **Medical Equipment:** Shutter mechanisms for X-rays or lasers. * **Office Automation:** Paper flappers in high-end printers/scanners. * **Aerospace:** Locking mechanisms and valve controls.
    ✨ Follow-up Questions
    • ⤷What is the specific duty cycle for the TAA variant versus other models?
    • ⤷ How do I calculate the required flyback diode rating for this solenoid?
    • ⤷ What are the mounting dimensions for the MA23 series?