MA25FBA-R
AI

The **MA25FBA-R** is a high-performance **Magnetic Encoder** manufactured by **TDK**. It is an integrated circuit (IC) or sensor module designed specifically for high-resolution angular position sensing, typically used in motor control and robotics.
---
## ๐๏ธ Technical Overview
The MA25FBA-R belongs to the TDK MagAlpha series. It leverages the **Hall Effect** to detect the orientation of a magnetic field from a rotating permanent magnet placed above it.
### Key Specifications
| Feature | Description |
| :--- | :--- |
| **Sensor Type** | Magnetic Angle Sensor (Contactless) |
| **Resolution** | Usually 8 to 14 bits (depending on configuration) |
| **Output Interfaces** | SPI (Synchronous Serial), SSI, PWM, or Incremental (ABI) |
| **Operating Voltage** | 3.3V (Typical) |
| **Rotational Speed** | Supports high-speed rotation (up to 25,000+ RPM) |
| **Package** | Ultra-compact (often QFN or similar small footprints) |
---
## โก Internal Electronic Functions
### 1. Hall Elements Array
The chip contains a circular array of Hall elements. When a diametrically magnetized magnet rotates above the chip, these elements detect the sine and cosine components of the magnetic field.
### 2. CORDIC Algorithm
Internally, the chip processes the raw analog signals from the Hall sensors using a **CORDIC (Coordinate Rotation Digital Computer)** processor. This converts the magnetic field vectors into a precise digital angle.
### 3. Latency Compensation
One of the advanced electronic features of the MA25 series is its low latency. It is designed to provide real-time position data even at high speeds, which is critical for the feedback loops in brushless DC (BLDC) motors.
---
## ๐ Connection & Interfacing
| Pin Category | Functionality |
| :--- | :--- |
| **Power (VDD/GND)** | Powers the internal logic and Hall array. |
| **SPI Interface** | Used for digital configuration and high-speed angle readout. |
| **ABI/UVW Outputs** | Simulates incremental encoders or provides commutation signals for motor drivers. |
| **PWM** | Provides a pulse-width modulated signal proportional to the angle. |
---
## ๐ฏ Primary Applications
* **Robotic Joints:** For precise position control of limbs.
* **BLDC Motors:** Replaces optical encoders or physical brushes for commutation.
* **Computer Peripherals:** High-end scroll wheels or dials.
* **Automotive:** Electronic throttle control or steering angle sensing.
---
- โคท
What is the exact bit resolution of the MA25FBA-R?
- โคท How does magnetic interference affect this specific sensor?
- โคท Can this sensor be used for linear position sensing or only rotary?