전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA26TCG-R

  • AI
    The **MA26TCG-R** is a specific electronic component primarily associated with **RF (Radio Frequency) and Microwave technology**. It is part of the **MA26 series** of high-frequency fixed attenuators. ### 1. Component Overview The MA26TCG-R is a **surface-mount (SMD) fixed attenuator**. Its primary function is to reduce the power level of a signal by a specific amount (measured in decibels, dB) without significantly distorting its waveform. --- ### 2. Key Technical Specifications Below are the typical parameters for this class of component: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Attenuator | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Frequency Range** | DC to High GHz (typically up to 26 GHz or higher) | | **Attenuation Value** | Determined by the specific "TCG" sub-code | | **Impedance** | 50 Ohms (Standard for RF) | | **Termination** | Lead-free / RoHS Compliant (indicated by the "R" suffix) | --- ### 3. Detailed Part Breakdown The alphanumeric code provides specific details about the part's build: * **MA26:** Identifies the product series, often indicating a high-frequency threshold (up to 26.5 GHz). * **TCG:** This usually refers to the internal architecture, often utilizing Thin Film technology on an Alumina or Ceramic substrate to ensure precision. * **-R:** Indicates **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead. --- ### 4. Common Applications These parts are found in precision circuitry where signal strength management is critical: 1. **Telecommunications:** Used in base stations to balance signal levels between different stages of a transmitter or receiver. 2. **Test & Measurement:** Integrated into oscilloscopes and spectrum analyzers to protect sensitive input ports from high-power signals. 3. **Radar Systems:** Used in aerospace and defense applications for signal conditioning. 4. **Satellite Communications:** Ensuring the LNB (Low Noise Block) or power amplifiers receive the correct input levels. --- ### 5. Why Use This Specific Part? * **Precision:** Thin-film construction provides very tight tolerances. * **Stability:** High thermal stability ensures the attenuation value doesn't drift as the device heats up. * **Compactness:** The SMD footprint allows for high-density PCB layouts compared to bulky coaxial attenuators.
    ✨ Follow-up Questions
    • ⤷What is the specific dB attenuation value for the MA26TCG-R?
    • ⤷ What are the footprint dimensions for soldering this component?
    • ⤷ Are there alternative parts with higher power handling capabilities?