전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA62TAA-R

  • AI
    The **MA62TAA-R** is a specific model of an **Electromechanical Buzzer** (or transducer), typically manufactured by companies like Mallory Sonalert Products. These components are designed to convert electrical energy into audible sound. Below is a breakdown of its technical specifications, features, and electrical characteristics. --- ### 1. Technical Specifications | Parameter | Description / Value | | :--- | :--- | | **Component Type** | Electromechanical Transducer (Buzzer) | | **Operating Voltage** | Typically 1.5V to 10V DC (Standard range) | | **Rated Voltage** | 6V DC (Common for this series) | | **Frequency** | ~2800 Hz to 3100 Hz | | **Sound Pressure Level (SPL)** | 85 dB to 95 dB @ 10cm | | **Current Consumption** | 30mA to 50mA | | **Mounting Type** | Through-hole / PC Pins | | **Termination** | Radial Lead / Pin terminal | --- ### 2. Key Features * **High Output:** Despite its small size, it produces a high-decibel output suitable for industrial or commercial alarms. * **DC Operation:** Unlike piezo elements that require an external oscillating circuit, many versions of the "MA" series are self-contained (though some require external circuitry—refer to the specific datasheet for "Transducer" vs "Indicator" status). * **Durability:** Built for consistent performance over long periods of time. * **Compact Form Factor:** The "R" suffix often denotes a specific physical orientation or RoHS compliance depending on the manufacturer's naming convention. --- ### 3. Pin Configuration & Application The MA62TAA-R generally features two pins for PCB mounting: 1. **Positive (+):** Connected to the voltage supply (VCC). 2. **Negative (-):** Connected to the ground (GND). #### Common Use Cases: * **Consumer Electronics:** Microwave ovens, timers, and alarm clocks. * **Medical Equipment:** Warning indicators for patient monitoring. * **Industrial Panels:** Feedback for button presses or error states. --- ### 4. Circuit Integration Example To drive this buzzer using a microcontroller (like an Arduino), you should use a transistor to handle the current, as the I/O pins may not provide enough amperage. ```cpp // Simple Arduino Beep Code const int buzzerPin = 9; // Connected to the base of a transistor void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Sound ON delay(1000); digitalWrite(buzzerPin, LOW); // Sound OFF delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷Does the MA62TAA-R require an external oscillator or is it self-driven?
    • ⤷ What is the specific current draw at 6V for this model?
    • ⤷ Are there waterproof versions of the MA62TAA series?