전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA63TCA-R

  • AI
    The **MA63TCA-R** is a specific model of an industrial **AC Servo Motor** manufactured by **Mitsubishi Electric**, typically part of the high-performance HG or HF series used in CNC machinery and precision automation. --- ### 1. Key Technical Specifications Below are the primary electronic and physical characteristics associated with this class of motor: | Feature | Description | | :--- | :--- | | **Motor Type** | AC Brushless Servo Motor | | **Power Output** | Typically rated around 0.6kW - 1.0kW (Series dependent) | | **Rated Speed** | 3,000 RPM (standard for MA/HG series) | | **Encoder Type** | Absolute/Incremental High-Resolution Encoder | | **Protection Rating** | IP65/IP67 (Dust and water-resistant) | | **Brake Option** | The "-R" suffix often denotes specific shaft or connector configurations | --- ### 2. Core Electronic Components The MA63TCA-R functions through the integration of several critical electronic sub-assemblies: #### A. The Stator and Winding The motor contains three-phase copper windings. The "TCA" designation often refers to the specific winding insulation and thermal characteristics designed to handle high-frequency switching from the Servo Drive (Inverter). #### B. Feedback System (Encoder) The most critical electronic part is the **Optical or Magnetic Encoder** mounted on the rear. * **Function:** It tracks the exact position, speed, and direction of the rotor. * **Resolution:** Modern Mitsubishi encoders often provide over 4 million pulses per revolution (ppr), allowing for sub-micron positioning accuracy. #### C. Permanent Magnet Rotor The rotor utilizes high-coercivity Rare Earth Magnets (typically Neodymium). These allow the motor to maintain high torque density while keeping the frame size compact. #### D. Thermal Sensors Embedded within the windings are **NTC Thermistors** or thermal switches. These send signals to the drive to shut down the system if internal temperatures exceed safe operating limits (typically above 100°C–120°C). --- ### 3. Wiring and Connection Interface The electronic interface usually consists of two main connectors: 1. **Power Connector:** 3-Phase AC (U, V, W) plus a Ground (PE) connection. 2. **Encoder/Signal Connector:** A multi-pin connector that carries the high-speed serial communication data between the motor and the Servo Amplifier (e.g., MR-J4 or MR-J5 series). --- ### 4. Application Context The MA63TCA-R is frequently found in: * **CNC Machine Tools:** For axis movement (X, Y, or Z). * **Robotic Arms:** For joint articulation requiring high torque-to-weight ratios. * **Packaging Machinery:** Where rapid start-stop cycles are required.
    ✨ Follow-up Questions
    • ⤷ What is the compatible Mitsubishi Servo Drive series for the MA63TCA-R?
    • ⤷ How do I troubleshoot an 'Encoder Error' on this specific motor?
    • ⤷ What is the difference between the 'TCA' and 'S' variants in this model series?