전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA63TCD-R

  • AI
    Based on its technical nomenclature, the **MA63TCD-R** is an industrial-grade **Solid State Relay (SSR)** or a specialized **Thyristor/Triac module**, typically manufactured by companies like **MGR (MGR Controls)** or similar industrial electronic suppliers. Below is a breakdown of its electronic components and characteristics. --- ## 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Single-Phase Solid State Relay (SSR) | | **Switching Element** | Triac or Back-to-Back Thyristors | | **Control Voltage** | 3 - 32 VDC (Typical for 'D' models) | | **Load Voltage Range** | 24 - 480 VAC | | **Rated Current** | 63 Amperes | | **Switching Type** | Zero-Cross Switching (Reduces EMI) | | **Protection** | RC Snubber circuit (Internal) | --- ## 2. Component Analysis The MA63TCD-R is comprised of several critical electronic sub-sections: ### A. Input Side (Control) * **Optoisolator:** The heart of the input side. It provides galvanic isolation (usually up to 4kV) between the low-voltage DC control circuit and the high-voltage AC load. * **LED Indicator:** Most models include a built-in LED to show the status of the control input. * **Current Limiter:** Internal resistors to ensure the input LED/Optocoupler is not damaged by the 3-32V range. ### B. Output Side (Power Switching) * **Power Semiconductor:** Uses a **Triac** or two **SCRs (Silicon Controlled Rectifiers)** in antiparallel. These handle the 63A current flow. * **Zero-Crossing Circuit:** This internal circuit ensures the relay only switches "ON" when the AC sine wave crosses the zero-voltage point, minimizing electrical noise and mechanical stress on the load. * **RC Snubber:** A combination of a resistor and capacitor placed across the output terminals to protect the semiconductor from high $dv/dt$ (voltage spikes). ### C. Physical Construction * **Baseplate:** Usually made of copper or aluminum to facilitate heat dissipation. * **Encapsulation:** The internal electronics are potted in epoxy resin to protect against vibration, moisture, and dust. --- ## 3. Part Number Decoding The alphanumeric code follows a standard industrial logic: * **MA:** Series designation (Standard Industrial SSR). * **63:** Rated Current (63 Amps). * **T:** Triac/Thyristor output. * **C:** AC Load (Alternating Current). * **D:** DC Control (Direct Current input). * **R:** Specific variant (often denotes **Zero-Cross Switching** or specific terminal orientation). --- ## 4. Basic Wiring Diagram (Conceptual) ```text [ DC Control Input ] [ AC Load Output ] (3-32VDC) (24-480VAC) (+) ---- [ 3 ] [ 1 ] ---- (L1 Phase) (-) ---- [ 4 ] [ 2 ] ---- (Load/Motor) ```
    ✨ Follow-up Questions
    • ⤷ What are the heat dissipation requirements for a 63A SSR?
    • ⤷ How does zero-cross switching differ from random-fire switching in this model?
    • ⤷ What are the common failure modes of the MA63TCD-R?