전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA63TCX-R

  • AI
    The **MA63TCX-R** is a specific model of a **Rotary Encoder**, typically manufactured by companies like **Nemicon** (or under similar industrial automation brands). These components are essential for motion control, providing feedback on the position, speed, and direction of a rotating shaft. --- ## 1. Technical Specifications Overview The "MA63" series generally refers to the physical size and basic design, while the suffixes indicate electrical and mechanical configurations. | Feature | Specification Details | | :--- | :--- | | **Type** | Absolute Rotary Encoder | | **Outer Diameter** | 63mm (Standard industrial size) | | **Output Type** | Parallel or Serial (depending on sub-version) | | **Shaft Design** | Through-hole (Hollow shaft) or Solid shaft | | **Resolution** | High resolution (often up to 10-bit or 12-bit) | | **Voltage Range** | Typically 5V DC or 12-24V DC | --- ## 2. Key Electronic Components & Operation ### A. The Optical/Magnetic Disk Internally, the encoder contains a disk marked with a specific pattern. As the shaft rotates, an internal light source (LED) or magnetic sensor reads these patterns to determine the exact angular position. ### B. Signal Output (Gray Code) Unlike incremental encoders that just pulse, the **MA63TCX-R** (as an absolute encoder) usually outputs a specific digital code for every position. * **Gray Code:** Often used to prevent errors during transitions between positions. * **Parallel Output:** Multiple wires transmit the position bits simultaneously. ### C. Protection Circuitry The "R" suffix often denotes specific environmental or electrical protections: * **Reverse Polarity Protection:** Prevents damage if the power wires are swapped. * **Noise Filtering:** Internal capacitors and shielding to handle EMI (Electromagnetic Interference) in factory settings. --- ## 3. Wiring Configuration While specific pinouts vary by manufacturer, a standard absolute encoder like this follows this general wiring logic: ```yaml Wiring Layout: - Power: Vcc (Red) & GND (Black) - Data Bits: D0 through Dn (Multiple colors for Parallel) - Control: Latch/Strobe (To sync with a PLC) - Shield: Braided wire for grounding ``` --- ## 4. Common Applications * **Robotic Arms:** To know the exact angle of a joint even after a power loss. * **CNC Machinery:** Precise positioning of the cutting head. * **Packaging Lines:** Synchronizing conveyor belts.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an absolute and an incremental encoder?
    • ⤷ How do I interface the MA63TCX-R with a PLC or microcontroller?
    • ⤷ What are the specific environmental ratings (IP rating) for this model?