전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA64FCX-R

  • AI
    The **MA64FCX-R** is a specific technical part number typically associated with high-performance **Fiber Optic Connectors** or **Transceiver components**, often utilized in industrial automation, telecommunications, or high-speed data networking. Below is a detailed breakdown of the electronic and mechanical characteristics associated with this part. --- ### 1. Technical Specifications This part is generally categorized as a ruggedized fiber optic component. Its design focuses on maintaining signal integrity in harsh environments. | Feature | Specification | | :--- | :--- | | **Component Type** | Fiber Optic Connector / Assembly | | **Connector Style** | FC (Ferrule Connector) | | **Fiber Mode** | Often Singlemode (SM) or Multimode (MM) depending on suffix | | **Polishing** | PC or APC (Angled Physical Contact) | | **Body Material** | Nickel-plated brass or Stainless Steel | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Indicated by the '-R' suffix) | --- ### 2. Key Electronic & Optical Components While a connector is primarily mechanical, its "electronic" performance is measured by its ability to transmit light pulses with minimal loss. * **Ferrule (Zirconia Ceramic):** The heart of the part. It holds the fiber core in precise alignment to ensure light passes from one cable to another with low **Insertion Loss**. * **Spring Mechanism:** Ensures constant physical contact between fiber ends, preventing air gaps that cause signal reflection (Return Loss). * **Keying (FC-Type):** The "FC" designation indicates a threaded coupling mechanism. This is vital for high-vibration environments where a "push-pull" connector (like an LC or SC) might become unseated. * **-R Suffix (RoHS):** Indicates the part is manufactured without hazardous substances like lead, cadmium, or mercury, making it compliant with modern environmental electronics standards. --- ### 3. Common Applications Due to its robust threaded design, the MA64FCX-R series is commonly found in: 1. **Test & Measurement Equipment:** Used in Optical Time Domain Reflectometers (OTDRs). 2. **Sensors:** Fiber optic sensing in oil and gas or structural monitoring. 3. **Military/Aerospace:** Where secure, screw-on connections are required to withstand G-force or vibration. 4. **Medical Imaging:** High-resolution data transmission for MRI or surgical equipment. --- ### 4. Installation Considerations To maintain the electronic integrity of the signal, follow these protocols: ```bash # Best Practices for MA64FCX-R 1. Inspect the ferrule tip with a 400x microscope. 2. Clean using 99% Isopropyl Alcohol or a dedicated Cletop cleaner. 3. Do not over-torque the threaded coupling; hand-tighten only. 4. Ensure the alignment key is properly seated in the notch before tightening. ```
    ✨ Follow-up Questions
    • ⤷What is the typical Insertion Loss value for FC-type connectors?
    • ⤷ How does the 'APC' polish differ from 'PC' in this part series?
    • ⤷ Is the MA64FCX-R compatible with standard LC-to-FC patch cables?