전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA65FAA-R

  • AI
    The **MA65FAA-R** is a specific part number typically associated with **AC/DC Power Adapters**, commonly manufactured by brands like **Chicony** or **Delta Electronics** for major laptop OEMs (such as Acer, ASUS, or MSI). Below is a technical breakdown of its electronic components and specifications. --- ### 1. General Specifications The "65" in the model name usually denotes the **65-Watt** power rating, which is the standard for mid-range laptops and ultrabooks. | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100-240V AC (Universal) | | **Input Frequency** | 50-60 Hz | | **Output Voltage** | 19V DC (Standard) | | **Output Current** | 3.42A | | **Total Power** | 65 Watts | | **Efficiency** | Level VI (High Efficiency) | --- ### 2. Internal Electronic Architecture The adapter uses a **Switched-Mode Power Supply (SMPS)** topology. Here are the primary electronic sections inside the casing: #### A. Input Stage (AC Side) * **EMI/RFI Filter:** A combination of X/Y-class capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid. * **Bridge Rectifier:** Converts the AC sine wave into a pulsating DC voltage. * **Bulk Capacitor:** A high-voltage electrolytic capacitor (usually rated for 400V-450V) that smooths the DC voltage. #### B. Conversion Stage (Switching) * **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain a constant output voltage regardless of the load. * **MOSFET (Switch):** A high-speed transistor that chops the DC voltage into high-frequency pulses to be sent through the transformer. * **Power Transformer:** Provides galvanic isolation between the dangerous high-voltage AC side and the safe low-voltage DC side. #### C. Output Stage (DC Side) * **Schottky Diodes/Rectifiers:** Rectify the high-frequency AC from the transformer back into DC. * **Smoothing Capacitors:** Low-ESR capacitors that filter out high-frequency noise/ripple to provide clean power to the laptop. * **Feedback Optocoupler:** Sends a light signal back to the PWM controller to adjust power delivery if the voltage drops or rises. --- ### 3. Connector and Safety Features The "R" suffix often refers to a specific revision or a **Right-Angle** connector design. * **Connector Dimensions:** Usually 5.5mm (Outer Diameter) x 1.7mm (Inner Diameter) or 3.0mm x 1.1mm, depending on the specific laptop brand target. * **Protection Circuits:** 1. **OVP (Over Voltage Protection):** Shuts down if the voltage exceeds safety limits. 2. **SCP (Short Circuit Protection):** Prevents fire or damage if the output wires touch. 3. **OTP (Over Temperature Protection):** Thermal throttling if the adapter gets too hot. --- ### 4. Code Representation (Power Logic) If we were to represent the logic of the internal controller in a simplified pseudocode: ```python def regulate_power(output_voltage): TARGET_V = 19.0 TOLERANCE = 0.5 if output_voltage < (TARGET_V - TOLERANCE): increase_pwm_duty_cycle() # Send more power elif output_voltage > (TARGET_V + TOLERANCE): decrease_pwm_duty_cycle() # Reduce power elif output_voltage > CRITICAL_LIMIT: trigger_shutdown() # Safety OVP ```
    ✨ Follow-up Questions
    • ⤷ What is the specific tip size for the MA65FAA-R adapter?
    • ⤷ Can this 65W adapter be used on a laptop that requires 90W?
    • ⤷ How can I test if the internal MOSFET of this adapter has failed?