전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA65FAD-R

  • AI
    The **MA65FAD-R** is a specific model of a **Brushless DC (BLDC) Motor**, typically categorized as a precision micro-motor used in high-performance cooling fans or small mechanical actuators. These parts are often manufactured by companies like **Nidec** or similar precision motor specialists. --- ### 1. Key Technical Specifications Below are the typical electrical and mechanical characteristics for this series: | Feature | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Operating Voltage** | 12V DC (Standard range 10.2V - 13.8V) | | **Current Draw** | ~0.10A to 0.25A (Load dependent) | | **Bearing Type** | Dual Ball Bearing or Fluid Dynamic Bearing (FDB) | | **Speed Control** | PWM (Pulse Width Modulation) supported | | **Feedback** | Tachometer (Frequency Generator) output | --- ### 2. Internal Electronic Components The "R" suffix and the internal circuitry of the MA65FAD-R consist of several critical electronic segments: #### A. Integrated Circuit (IC) Driver The motor uses a specialized BLDC driver IC. This chip handles the **commutation**, meaning it electronically switches the current to the motor coils since there are no physical brushes. #### B. Hall Effect Sensor To determine the position of the rotor, the internal PCB contains a Hall Effect sensor. It detects the magnetic poles of the spinning rotor and tells the IC when to switch the electromagnetic phase. #### C. Protective Circuits * **Reverse Polarity Protection:** Usually a diode that prevents damage if the +/- wires are swapped. * **Locked Rotor Protection:** If the motor is physically obstructed, the electronics will cut or pulse the power to prevent the coils from overheating and burning out. * **Auto-Restart:** Once an obstruction is removed, the internal timer attempts to restart the motor automatically. --- ### 3. Pinout and Wiring Configuration Most MA65FAD-R models utilize a 3-wire or 4-wire interface: 1. **Red (+):** Positive Power Supply (12V). 2. **Black (-):** Ground. 3. **Yellow/White (FG):** Frequency Generator (Tachometer) signal; provides 2 pulses per revolution to monitor RPM. 4. **Blue (PWM):** (If 4-wire) Allows the system to control the speed of the motor via a duty cycle signal. --- ### 4. Common Applications * **Server Cooling:** High-reliability cooling for 1U/2U server racks. * **Industrial Equipment:** Heat dissipation for power supplies and medical devices. * **Precision Actuation:** Small-scale robotics requiring consistent torque and speed feedback.
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM for the MA65FAD-R model?
    • ⤷ How do I troubleshoot a motor that is not spinning but receiving power?
    • ⤷ Can this motor be used with a 5V power source instead of 12V?