전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA65FBA-R

  • AI
    The **MA65FBA-R** is a specific electronic component, typically categorized as a **High-Voltage Rectifier Diode**, often utilized in specialized industrial and consumer electronics like microwave ovens or high-voltage power supplies. --- ### 1. Key Technical Specifications The "MA65FBA-R" designation usually refers to a diode with the following typical parameters: | Parameter | Value (Typical) | Description | | :--- | :--- | :--- | | **Part Number** | MA65FBA-R | High Voltage Silicon Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 6.0kV - 8.0kV | The maximum voltage it can withstand in reverse bias. | | **Average Forward Current ($I_{F(AV)}$)** | 350mA - 500mA | The maximum continuous current it can conduct. | | **Forward Voltage Drop ($V_F$)** | ~10V - 14V | Voltage lost across the diode during conduction. | | **Reverse Recovery Time ($t_{rr}$)** | 70ns - 100ns | Speed at which it switches from conducting to non-conducting. | --- ### 2. Physical Construction The MA65FBA-R is built to handle extreme electrical stress. Key structural features include: * **Epoxy Resin Molding:** The body is encapsulated in a flame-retardant epoxy to prevent arcing and ensure high insulation resistance. * **Axial Lead Package:** It typically features thick copper leads designed for through-hole mounting on PCBs or direct soldering to high-voltage terminals. * **Diffusion Junction:** It utilizes a diffused silicon junction, which provides stability at high operating temperatures. --- ### 3. Common Applications Due to its high voltage rating, this part is rarely found in low-voltage logic circuits. Its primary roles include: 1. **Microwave Oven Power Supplies:** Used in conjunction with a high-voltage capacitor to double the voltage for the magnetron. 2. **Electrostatic Air Cleaners:** Providing the DC bias needed to charge dust particles. 3. **X-Ray Power Sources:** Small-scale medical or industrial imaging equipment. 4. **Laser Power Supplies:** Used in gas laser ignition circuits. --- ### 4. Circuit Symbol and Polarity In a schematic, it follows the standard diode symbol. Physically, the **Cathode (-)** is usually marked with a visible white or silver band. ```text Anode (+) --------|>|-------- Cathode (-) (Band) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the safety precautions when testing a MA65FBA-R diode?
    • ⤷ Can a standard multimeter test the forward voltage of this high-voltage diode?
    • ⤷ What are the common failure modes for high-voltage rectifiers?