전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA65TAA-R

  • AI
    The **MA65TAA-R** is an AC/DC Power Adapter (External Power Supply) manufactured by **APD (Asian Power Devices)**. It is commonly utilized as a power source for consumer electronics, networking equipment (like routers or NAS devices), and monitors. --- ## Technical Specifications The following table outlines the core electronic parameters for this model: | Parameter | Specification | | :--- | :--- | | **Model Number** | MA65TAA-R | | **Manufacturer** | Asian Power Devices (APD) | | **Input Voltage** | 100-240V AC (~1.5A, 50-60Hz) | | **Output Voltage** | 12V DC | | **Output Current** | 5.417A (Maximum) | | **Total Power** | 65 Watts | | **Efficiency** | Level VI (High Efficiency) | | **Connector Type** | Barrel Jack (Commonly 5.5mm x 2.1mm or 2.5mm) | | **Polarity** | Center Positive (+) | --- ## Key Electronic Components & Features The MA65TAA-R is a **Switch Mode Power Supply (SMPS)**. Internally, it consists of several critical stages: ### 1. EMI/RFI Filtering Contains capacitors (X and Y types) and inductors to prevent electromagnetic interference from leaking back into the mains power line or affecting the connected device. ### 2. Rectification and Smoothing - **Bridge Rectifier:** Converts AC input to high-voltage DC. - **Bulk Capacitor:** Smooths the rectified DC voltage to provide a stable input for the switching stage. ### 3. PWM Controller & MOSFET The "Heart" of the device. It uses Pulse Width Modulation (PWM) to switch the high-voltage DC on and off at very high frequencies (usually 60kHz to 100kHz). This allows for a much smaller transformer than traditional linear power supplies. ### 4. High-Frequency Transformer Provides galvanic isolation between the dangerous high-voltage AC side and the safe low-voltage DC side. ### 5. Protection Circuits The unit includes integrated protection ICs to handle: * **OCP (Over Current Protection):** Shuts down if the device draws more than 5.4A. * **OVP (Over Voltage Protection):** Prevents the output from exceeding 12V in case of component failure. * **SCP (Short Circuit Protection):** Instantly cuts power if the output wires are crossed. --- ## Common Applications * **Western Digital (WD) My Cloud/My Book:** This is a very frequent replacement part for external hard drive enclosures. * **Network Switches:** Used by brands like Netgear or TP-Link for higher-wattage PoE switches. * **LCD Monitors:** Used for small to mid-sized LED displays.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a 12V 5A and a 12V 5.417A adapter regarding device compatibility?
    • ⤷ How can I verify if the barrel connector size fits my specific device?
    • ⤷ What does 'Efficiency Level VI' mean for energy consumption?