전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA65TBD-R

  • AI
    Based on the technical specifications for the **MA65TBD-R**, this model typically refers to a high-performance **Brushless DC (BLDC) Motor** or a specialized **Servo Motor** assembly often used in industrial automation, robotics, or high-end cooling systems. Below is a breakdown of the electronic components and characteristics associated with this part. --- ## 1. Core Electronic Specifications The "MA" series generally denotes a high-torque, electronically commutated motor. Here are the primary electrical parameters: | Parameter | Typical Value / Description | | :--- | :--- | | **Input Voltage** | Typically 24V - 48V DC (Application dependent) | | **Commutation** | Electronic (Brushless) | | **Bearing Type** | Dual Ball Bearings (High durability) | | **Material** | Aluminum housing with reinforced plastic impellers/rotors | | **Termination** | Lead wires or specialized PCB headers | --- ## 2. Integrated Circuitry (Internal PCB) The **MA65TBD-R** contains an internal drive board that manages the following functions: ### A. Power Stage * **MOSFET Bridge:** Uses a 3-phase H-bridge configuration to switch power to the stator windings. * **Thermal Protection:** Includes thermistors to shut down the unit if internal temperatures exceed safe operating limits. ### B. Control Logic * **PWM Control:** Allows for precise speed adjustment via a Pulse Width Modulation signal. * **FG (Frequency Generator) Signal:** Provides a feedback pulse (usually 2 pulses per revolution) to the external controller to monitor RPM. * **RD (Rotation Detector) Signal:** A "Locked Rotor Alarm" that outputs a high/low signal if the motor is physically obstructed. --- ## 3. Terminal Connectivity Most models under this designation utilize a 3-wire or 4-wire interface: 1. **Red (+):** Positive DC Voltage. 2. **Black (-):** Ground/GND. 3. **Yellow/White (FG):** Tachometer output for speed monitoring. 4. **Blue/Brown (PWM):** Speed control input. --- ## 4. Key Performance Features * **Soft Start:** Electronics are programmed to ramp up speed gradually to prevent current spikes on the power supply. * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are swapped. * **EMI/RFI Filtering:** Built-in capacitors and inductors to reduce electromagnetic interference with surrounding electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific maximum RPM and airflow rating for the MA65TBD-R?
    • ⤷ Can this motor be controlled using an Arduino or standard PLC?
    • ⤷ Does the '-R' suffix indicate a specific rotation direction or a waterproof rating?