전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA65TBG-R

  • AI
    The **MA65TBG-R** is a specific model identifier typically associated with **DC Axial Fans**, often manufactured by companies like **Cooler Master** or similar thermal solution providers. These fans are commonly used in computer power supplies, industrial enclosures, and cooling systems. --- ### 1. Technical Specifications Below are the typical electronic and mechanical specifications for this component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | DC Axial Cooling Fan | | **Voltage** | 12V DC | | **Current Draw** | ~0.15A to 0.35A (Varies by specific revision) | | **Dimensions** | 60mm x 60mm x 25mm (Typical "65" series sizing) | | **Bearing Type** | Ball Bearing or Sleeve Bearing | | **Connector** | 2-pin or 3-pin Molex/Standard Header | | **Material** | PBT Plastic (UL94V-0 Rated) | --- ### 2. Key Electronic Components Internally, the MA65TBG-R consists of several critical electronic parts that manage its rotation and safety: #### A. The Brushless DC (BLDC) Motor Unlike traditional motors with brushes that wear out, this fan uses a **Brushless** design. It relies on an internal circuit board to flip the electromagnetic field, which pushes the permanent magnets attached to the fan blades. #### B. Hall Effect Sensor Inside the motor housing, a small **Hall Effect IC** detects the position of the rotor. This allows the internal controller to time the electrical pulses correctly to maintain continuous rotation. #### C. Control Circuitry The PCB (Printed Circuit Board) located at the center of the fan usually contains: * **Transistors/MOSFETs:** Act as switches to energize the motor coils. * **Protection Diode:** Prevents damage if the power wires are connected backward (Reverse Polarity Protection). * **Capacitors:** Smooth out electrical noise to prevent interference with other sensitive electronics in the system. #### D. Speed Monitoring (Optional) If the model has 3 wires, the third wire (usually yellow or white) provides a **Tachometer signal**. It sends a pulse to the motherboard or controller to report the "RPM" (Rotations Per Minute). --- ### 3. Application Use-Cases * **Power Supplies (PSU):** Often found as the primary cooling source in older or industrial ATX power supplies. * **Network Switches:** Used in rack-mounted hardware due to its compact 60mm size. * **Active Heat Sinks:** Mounted on top of medium-sized radiators for CPU or GPU cooling in specialized industrial PCs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between ball bearing and sleeve bearing versions of this fan?
    • ⤷ How do I wire a 3-pin MA65TBG-R to a standard 12V power source?
    • ⤷ What are the CFM (airflow) ratings for this specific model?