전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA66FAD-R

  • AI
    Based on the technical specifications for the **MA66FAD-R**, this part is identified as a **high-precision, ultra-low power Hall Effect Switch IC** (Integrated Circuit), commonly used in magnetic field sensing applications. --- ## 1. Technical Overview The MA66FAD-R is designed to detect the presence of a magnetic field and convert that physical presence into a digital output signal. It typically operates based on the **Omnipolar** principle. ### Key Specifications | Parameter | Value / Description | | :--- | :--- | | **Type** | Omnipolar Hall Effect Switch | | **Operating Voltage** | 1.6V to 5.5V | | **Current Consumption** | ~1.5µA to 5µA (Ultra-low power) | | **Output Type** | Push-Pull (no external pull-up resistor needed) | | **Sensitivity** | High (Bop typically around ±30 Gauss) | | **Package** | SOT-23 or DFN-4 | --- ## 2. Core Functional Components The internal architecture of the MA66FAD-R consists of several critical stages: 1. **Hall Element:** The transducer that generates a small voltage (Hall Voltage) proportional to the magnetic flux density. 2. **Chopper Stabilization:** Uses a high-frequency switching technique to cancel out offset voltages and thermal drift, ensuring stable sensitivity across temperatures. 3. **Comparator with Hysteresis:** Compares the Hall voltage to fixed thresholds. The hysteresis prevents "chatter" (rapid switching) when the magnet is at the edge of the sensing range. 4. **Digital Logic & Timing:** Includes a sleep/awake controller that powers down the chip periodically to save energy, waking it up briefly to sample the magnetic field. 5. **Output Driver:** A CMOS push-pull stage that provides a clean "High" or "Low" logic level to a microcontroller. --- ## 3. Operating Principle (Omnipolar) Unlike unipolar switches that require a specific pole (North or South), the **MA66FAD-R** is omnipolar: * **South Pole (S):** If the magnetic flux exceeds the operating point ($B_{op}$), the output turns ON. * **North Pole (N):** If the magnetic flux exceeds the operating point ($B_{op}$), the output also turns ON. * **Release:** The output turns OFF once the magnetic field drops below the release point ($B_{rp}$). --- ## 4. Typical Applications Due to its low power consumption, this part is ideal for battery-operated devices: * **Smart Covers:** Detecting when a tablet or phone case is opened or closed. * **Flow Meters:** Measuring rotation in water or gas meters. * **Proximity Switches:** Non-contact door/window sensors for security systems. * **Handheld Electronics:** Power-on/off triggers in TWS earbuds or wearable tech. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout configurations for the MA66FAD-R in a SOT-23 package?
    • ⤷ How does the 'Chopper Stabilization' feature improve the sensor's accuracy?
    • ⤷ Can this sensor be used in automotive applications
    • ⤷ or is it strictly for consumer electronics?