전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA66TAA-R

  • AI
    The **MA66TAA-R** is an integrated circuit (IC) primarily categorized as a **Melody Generator** or **Music IC**. It is a CMOS-based chip designed for low-power applications, commonly used in toys, doorbells, and greeting cards to play a specific pre-programmed melody. --- ### 1. Key Specifications The following table outlines the typical electrical characteristics of the MA66TAA-R: | Feature | Specification | | :--- | :--- | | **Supply Voltage (Vcc)** | 1.3V to 3.3V (typically 3.0V) | | **Operating Current** | 0.1mA to 0.3mA (very low power) | | **Standby Current** | < 1µA | | **Package Type** | TO-92 (3-pin) or Die Form (COB) | | **Output Type** | Direct Drive for Piezoelectric buzzer or NPN transistor | | **Melody Selection** | Pre-programmed (Specific tune depends on suffix) | --- ### 2. Pin Configuration (TO-92 Package) In the common 3-pin transistor-style package, the pins are typically assigned as follows: 1. **Pin 1 (Vss/GND):** Negative power supply terminal. 2. **Pin 2 (Vdd):** Positive power supply terminal. 3. **Pin 3 (Output):** Audio signal output. This is typically an open-collector or push-pull output that connects to a buzzer or an amplifier transistor. --- ### 3. Functional Features * **Built-in Oscillator:** Does not require external capacitors or resistors for timing; the tempo and pitch are internally calibrated. * **Power-on Reset:** The melody starts playing immediately once power is applied. * **Low Power CMOS Technology:** Ideal for battery-operated devices (button cells). * **Direct Drive:** Can drive a high-impedance piezo buzzer directly, though a transistor (like a BC547) is recommended for driving 8-ohm speakers. --- ### 4. Basic Application Circuit To use the MA66TAA-R with a standard speaker, a simple NPN transistor driver circuit is required: ```text [Vcc 3V] ----+----------+ | | [MA66] [Speaker] [ Vdd] | | (Collector) [Output]-----+-------[NPN Transistor] | (Base) [ Vss] | | (Emitter) [GND] -------+----------+ ``` --- ### 5. Typical Melodies The "MA66" series carries various melodies. While the "TAA" suffix can vary by manufacturer, common tunes in this series include: * *Happy Birthday* * *It’s a Small World* * *Jingle Bells* * *For Alice (Für Elise)*
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MA66 and the UM66 series?
    • ⤷ How can I increase the volume of the MA66TAA-R output?
    • ⤷ Can this IC be triggered by a momentary switch instead of constant power?