전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA66TCD-R

  • AI
    The **MA66TCD-R** is an electronic component primarily classified as a **Melody Integrated Circuit (IC)**. These ICs are designed to play pre-programmed musical tunes or tones when triggered, commonly used in toys, musical greeting cards, and doorbell systems. Below is a detailed breakdown of its electronic specifications and features. --- ### 1. General Specifications The MA66T series is known for its low power consumption and simplicity, requiring very few external components to function. | Feature | Specification | | :--- | :--- | | **Function** | Melody Generator / Music IC | | **Package Type** | TO-92 (similar to a transistor) or COB (Chip-on-Board) | | **Operating Voltage** | 1.3V to 3.3V (Typical: 1.5V or 3V) | | **Standby Current** | Very Low (Microamps) | | **Output Type** | Single-pin melody output (requires a transistor for speakers) | --- ### 2. Pin Configuration (TO-92 Package) When looking at the flat side of the TO-92 package, the pins are typically assigned as follows: 1. **VSS (GND):** The negative power supply terminal. 2. **VDD:** The positive power supply terminal (1.3V - 3.3V). 3. **Output (OUT):** The melody signal output. > **Note:** Because the output current is low, you cannot drive a speaker directly. You must connect the **OUT** pin to the base of an NPN transistor (like the SS8050) to amplify the signal for an 8-ohm speaker. --- ### 3. Key Electronic Characteristics * **Built-in RC Oscillator:** The timing of the music is handled internally; no external crystal or resonator is needed. * **Power-On Reset:** The melody usually starts playing as soon as power is applied. * **Dynamic Speaker Drive:** Designed to drive a buzzer directly or a speaker via a simple transistor circuit. * **Melody Selection:** The "TCD" suffix often refers to a specific pre-programmed song or sequence. Common tunes in this family include "It's a Small World," "Happy Birthday," or "Jingle Bells." --- ### 4. Typical Application Circuit To use the MA66TCD-R in a project, you would follow this basic schematic logic: ```text [Power +3V] ----+---- [VDD Pin] | +---- [Speaker] ---- [Collector of NPN Transistor] | [OUT Pin] ---------- [Base of NPN Transistor]--+ | [GND] ----------+---- [VSS Pin] | | | +---- [Emitter of NPN Transistor] ``` --- ### 5. Common Use Cases * **Greeting Cards:** Small form factor allows it to be hidden in paper. * **Alarm Clocks:** Used as the wake-up melody. * **Toys:** Simple sound effects for handheld games or dolls. * **Door Announcers:** Integrated into simple wired doorbells.
    ✨ Follow-up Questions
    • ⤷ What specific song or melody is programmed into the 'TCD' version of this IC?
    • ⤷ Which NPN transistor is best suited for amplifying the MA66TCD-R output?
    • ⤷ Can this IC be powered by a 5V microcontroller pin directly?