전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA68TAA-R

  • AI
    The **MA68TAA-R** is an electronic component primarily classified as a **Gas Discharge Tube (GDT)** or a **Surge Arrester**. These devices are designed to protect sensitive electronic equipment from voltage transients caused by lightning strikes or switching surges. --- ### 1. Technical Specifications Below are the typical characteristics associated with this specific part series: | Property | Description | | :--- | :--- | | **Component Type** | Gas Discharge Tube (GDT) | | **DC Spark-over Voltage** | Usually 68V (indicated by the '68' in the part number) | | **Tolerance** | Typically ±20% | | **Impulse Discharge Current** | High energy handling (often 5kA to 20kA depending on wave shape) | | **Configuration** | Axial Leaded (TAA often refers to Tape and Ammo packaging) | | **Insulation Resistance** | > 10,000 MΩ | | **Capacitance** | Very Low (< 1.5 pF), making it suitable for high-speed data lines | --- ### 2. Functional Principle The GDT functions as a voltage-dependent switch: 1. **Off State:** Under normal operating voltages, the gas inside the tube is non-conductive, acting as an open circuit with extremely low capacitance. 2. **Transition:** When a high-voltage surge exceeds the "Spark-over" voltage, the gas ionizes. 3. **On State (Arc):** The tube becomes highly conductive (an arc discharge), shunting the surge current safely to the ground. 4. **Recovery:** Once the surge passes and the voltage drops below the "Holdover" voltage, the gas de-ionizes and the device returns to its non-conductive state. --- ### 3. Key Features and Applications #### Key Features * **High Current Handling:** Capable of diverting massive amounts of energy compared to MOVs (Metal Oxide Varistors). * **Low Capacitance:** Minimal signal distortion, ideal for telecommunications. * **Reliability:** Long service life under normal conditions. #### Common Applications * **Telecommunications:** Protection for ADSL, VDSL, and phone lines. * **Power Supplies:** Primary protection at the AC/DC input stage. * **Industrial Equipment:** Protecting sensors and control loops from atmospheric disturbances. * **Data Lines:** High-speed communication ports. --- ### 4. Circuit Implementation In a typical protection circuit, a GDT is often placed in a "Crowbar" configuration across the line and ground. ```c // Example Protection Schematic Representation Line In ----[ GDT ]---- Ground | Line Out <----+ ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a GDT and a MOV for surge protection?
    • ⤷ How do I determine if the 68V spark-over voltage is correct for my circuit?
    • ⤷ Does the 'R' suffix in MA68TAA-R signify RoHS compliance?