전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA6HFCG-R

  • AI
    The **MA6HFCG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD)** power inductor, often manufactured by companies like **Sumida** or similar specialized magnetic component producers. --- ### 1. General Specifications While specific data can vary by manufacturer, parts with this nomenclature generally fall into the following technical profile: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Power Inductor (Shielded) | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Ferrite or Metal Composite | | **Shielding** | Magnetic Shielded (Low EMI) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number Electronic part numbers are often "intelligent," meaning each segment represents a physical or electrical characteristic: * **MA6:** Usually refers to the series or the physical dimensions (e.g., 6.0mm x 6.0mm footprint). * **H:** Often denotes a specific height profile (e.g., "High" or a specific millimeter range). * **FC:** Frequently indicates the internal construction type, such as "Flux Coupled" or "Ferrite Core." * **G:** May represent the tolerance (e.g., ±2% or ±10%) or a specific plating material. * **-R:** Standard industry notation for **RoHS Compliant** or **Tape & Reel** packaging. --- ### 3. Key Electronic Functions The MA6HFCG-R performs several critical roles within a circuit: 1. **Energy Storage:** It stores energy in a magnetic field during the "on" cycle of a switching regulator and releases it during the "off" cycle. 2. **Noise Filtration:** Acting as a low-pass filter, it blocks high-frequency AC noise while allowing DC to pass. 3. **Voltage Regulation:** It is a primary component in DC-DC buck or boost converters to maintain a steady output voltage. --- ### 4. Typical Applications These inductors are commonly found in compact, high-efficiency electronics: * **Laptops and Tablets:** For CPU power rails. * **Network Equipment:** Switches and routers. * **Automotive Infotainment:** Powering displays and sensors. * **LED Drivers:** Controlling current flow to high-brightness LEDs. --- ### 5. Technical Precautions When using this part in a design, engineers must monitor two specific current ratings: * **Isat (Saturation Current):** The current level where the inductance drops by a specific percentage (usually 30%). * **Irms (Temperature Rise Current):** The DC current that causes the component temperature to rise by a specific amount (usually 40°C).
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions and inductance value for the MA6HFCG-R?
    • ⤷ How does a shielded inductor differ from an unshielded one in PCB design?
    • ⤷ What are the common alternatives to this specific inductor series?