전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA6L1FCG-R

  • AI
    The **MA6L1FCG-R** is a specific part number belonging to the **MA6L Series** of miniature electromagnetic relays, typically manufactured by companies like **NEC** or **TOKIN** (now under KEMET/Yageo). These components are widely used in telecommunications and signal switching applications. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the technical breakdown is as follows: | Parameter | Specification | | :--- | :--- | | **Relay Type** | Miniature Signal Relay | | **Contact Form** | 2 Form C (DPDT - Double Pole Double Throw) | | **Mounting Type** | Surface Mount Device (SMD) | | **Contact Material** | Silver alloy with Gold overlay (for low-level switching) | | **Coil Type** | Latching (Single Coil or Double Coil depending on sub-series) | | **Max Switching Voltage** | 220V DC / 250V AC | | **Max Switching Current** | 2A | --- ### 2. Breakdown of Part Number (MA6L1FCG-R) While manufacturers have slight variations, the code usually follows this logic: * **MA6**: Represents the series family (Miniature Signal Relay). * **L**: Typically indicates a **Latching** type (maintains position without continuous power). * **1**: Often refers to the coil sensitivity or a specific coil voltage (e.g., 5V or 12V DC). * **FCG**: Denotes specific internal construction, contact materials, or plastic sealing standards (usually high-density mounting type). * **-R**: Indicates **Tape & Reel** packaging, used for automated pick-and-place assembly. --- ### 3. Features and Advantages * **Compact Footprint:** Designed for high-density PCB layouts where space is at a premium. * **Low Power Consumption:** Because it is a latching relay, it only requires a pulse of energy to switch states, making it ideal for battery-operated devices. * **High Reliability:** The gold-clad contacts ensure low contact resistance and high reliability when switching low-level signals (dry circuits). * **Surge Strength:** Usually meets Telcordia (Bellcore) and FCC requirements for lightning surges (e.g., 2500V between open contacts). --- ### 4. Common Applications 1. **Telecommunications:** PABX systems, modems, and central office switching. 2. **Test & Measurement:** Oscilloscopes, signal generators, and automated test equipment (ATE). 3. **Medical Electronics:** Signal routing in diagnostic equipment. 4. **Security Systems:** Control panels and sensor switching. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific coil voltage for the MA6L1FCG-R?
    • ⤷ What is the difference between a latching and non-latching version of this relay?
    • ⤷ Can this relay be used for high-power AC motor switching?