전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA72FBX-R

  • AI
    The **MA72FBX-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) RF Resistor or Attenuator** often used in high-frequency telecommunications and radio frequency applications. It is part of a series known for its reliability in power handling and signal integrity. --- ### Technical Specifications The following table outlines the general characteristics of the MA72FBX-R series components: | Feature | Specification | | :--- | :--- | | **Component Type** | Fixed Resistor / RF Chip Resistor | | **Package / Case** | Surface Mount Device (SMD) | | **Power Rating** | High Power (Typically up to several Watts depending on cooling) | | **Frequency Range** | DC to several GHz (Optimized for RF) | | **Tolerance** | Usually ±1% or ±5% | | **Termination** | Standard Wrap-around or Solderable Nickel/Tin | --- ### Internal Construction Electronic parts like the MA72FBX-R are engineered to minimize parasitic inductance and capacitance, which is critical for RF performance. 1. **Substrate:** Usually high-purity Alumina ($Al_2O_3$) or Aluminum Nitride (AlN) for superior heat dissipation. 2. **Resistive Element:** A thick film or thin film layer (often Ruthenium Oxide) calibrated to a specific resistance value. 3. **Protective Coating:** A glass or epoxy overcoat to protect the resistive element from environmental moisture and mechanical stress. 4. **Terminals:** Optimized for low-resistance contact with the Printed Circuit Board (PCB). --- ### Key Applications * **Impedance Matching:** Used to ensure that the source and load impedances are equal to prevent signal reflection. * **Signal Attenuation:** Reducing the power of a signal without significantly distorting its waveform. * **Base Stations:** Found in cellular infrastructure (5G/LTE) power amplifiers. * **Test Equipment:** High-precision measurement tools requiring stable resistance across broad temperature ranges. --- ### Part Number Breakdown (General Convention) While manufacturers vary, the suffix and prefix usually denote specific attributes: * **MA72:** The Series/Size identifier. * **FBX:** Often denotes the tolerance and temperature coefficient (TCR). * **-R:** Usually signifies that the part is supplied on a **Tape and Reel** for automated pick-and-place assembly.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the MA72FBX-R variant?
    • ⤷ Can this component be used in high-temperature 5G base station environments?
    • ⤷ What are the footprint dimensions for the MA72 package style?