전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA72FCG-R

  • AI
    The **MA72FCG-R** is a specific electronic component typically identified as a **precision thin-film resistor** or a specialized **surface-mount device (SMD)**. These parts are designed for high-performance analog circuitry where stability, low noise, and precision are critical. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, the technical attributes generally include: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Thin Film Precision Resistor | | **Tolerance** | Generally ±0.1% to ±1.0% | | **Temperature Coefficient (TCR)** | Low (often 25ppm/°C or lower) | | **Package / Case** | Surface Mount (SMD) | | **Resistance Range** | Application-specific (defined by the numeric code) | | **Power Rating** | 0.063W to 0.25W (depending on physical size) | --- ### 2. Internal Composition The "MA" series resistors are constructed using high-grade materials to ensure longevity and signal integrity: 1. **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic base for heat dissipation. 2. **Resistive Element:** A thin layer of metal film (often NiCr - Nickel Chromium) sputtered onto the ceramic. 3. **Protective Coating:** A moisture-resistant epoxy or glass layer to protect the film from oxidation and environmental humidity. 4. **Terminations:** Lead-free (RoHS compliant) tin-plated wrap-around terminals for easy soldering. --- ### 3. Part Number Decoding (Typical) While manufacturers vary slightly, the code **MA72FCG-R** can be broken down as follows: * **MA:** Series prefix (Metal Alloy or Precision Thin Film). * **72:** Size code (e.g., 0603 or 0805 metric/imperial equivalents). * **F:** Tolerance code (Commonly representing **±1%**). * **C:** Temperature Coefficient code (Commonly **50ppm**). * **G:** Resistance value multiplier/code. * **-R:** Packaging indicator (usually denotes **Tape and Reel** for automated assembly). --- ### 4. Common Applications Due to its precision nature, this component is found in: * **Medical Instrumentation:** Where signal accuracy is vital. * **Telecommunications:** High-frequency filter circuits. * **Automotive Electronics:** Sensors and ECU control units. * **Measuring Equipment:** Multimeters and industrial scales. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the MA72FCG-R model?
    • ⤷ Which manufacturer produces this specific series?
    • ⤷ Are there equivalent parts with a higher power rating?