전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA72TCX-R

  • AI
    The **MA72TCX-R** is a specific model of a **Thermoelectric Cooler (TEC) / Peltier Module**. These electronic components are solid-state heat pumps used for precise temperature control in medical, industrial, and high-end consumer electronics. --- ## 1. Core Technical Specifications The "MA" series typically refers to high-performance micro-modules designed for tight spaces. Below is a breakdown of the typical electronic characteristics: | Parameter | Estimated Value/Description | | :--- | :--- | | **Type** | Single-stage Thermoelectric Module | | **$I_{max}$ (Max Current)** | Usually 2.0A to 4.5A (varies by specific manufacturer revision) | | **$V_{max}$ (Max Voltage)** | Often rated between 8V and 15V DC | | **$Q_{max}$ (Heat Pumping)** | The total heat moved at $\Delta T = 0$ (approx. 20W - 45W) | | **$\Delta T_{max}$ (Temp Diff)** | Maximum temperature difference (usually $\ge 67^\circ C$) | | **Material** | Bismuth Telluride ($Bi_2Te_3$) semiconductors | --- ## 2. Key Components and Construction The MA72TCX-R consists of several integrated electronic parts: ### A. Semiconductor P-N Junctions * The module contains pairs of P-type and N-type bismuth telluride pellets. * These are connected electrically in **series** and thermally in **parallel**. ### B. Ceramic Substrates * **Top/Bottom plates:** Usually made of Alumina ($Al_2O_3$) or Aluminum Nitride (AlN). * **Function:** Provides electrical insulation while maintaining high thermal conductivity. ### C. Internal Interconnects * Copper headers are used to link the semiconductor pellets. * The **"R"** suffix often indicates a specific lead wire configuration or "RTV" (Room Temperature Vulcanizing) moisture-resistant sealing around the edges. --- ## 3. Working Principle The device operates on the **Peltier Effect**: 1. **DC Input:** When a direct current flows through the module, heat is absorbed at one junction (the cold side) and rejected at the other (the hot side). 2. **Reversibility:** By reversing the polarity of the DC voltage, the hot and cold sides are swapped, allowing for both heating and cooling functions. --- ## 4. Usage Considerations To ensure the electronic integrity of the MA72TCX-R, the following must be implemented: ```python # Electronic Integration Logic def control_tec(current_temp, target_temp): if current_temp > target_temp: apply_dc_power(polarity="Normal") # Cooling mode elif current_temp < target_temp: apply_dc_power(polarity="Reverse") # Heating mode else: power_off() ``` * **Heat Sinking:** A Peltier module will fail within seconds if the hot side is not attached to an adequate heat sink. * **PWM Control:** If using Pulse Width Modulation, a high frequency (e.g., >1kHz) or an LC filter is recommended to prevent thermal stress on the junctions. ---
    ✨ Follow-up Questions
    • ⤷What are the specific dimensions of the MA72TCX-R?
    • ⤷ Which manufacturers produce the MA series Peltier modules?
    • ⤷ How do I calculate the required power supply for this specific TEC?