전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA73FAD-R

  • AI
    The **MA73FAD-R** belongs to the family of high-precision, magnetic rotary encoders (specifically the MA73x series) developed by **Monolithic Power Systems (MPS)**. These sensors are designed to replace traditional optical encoders and potentiometers in brushless motor control and industrial automation. --- ### ## Technical Specifications The following table summarizes the key electronic characteristics of the MA73FAD-R: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | MagAlpha Magnetic Angle Sensor | | **Resolution** | 8 to 12 bits (programmable) | | **Interface** | SPI, PWM, and ABZ Quadrature | | **Supply Voltage (Vdd)** | 3.0V to 3.6V | | **Operating Current** | ~10.5 mA | | **Operating Temperature** | -40°C to +125°C | | **Package** | QFN-16 (3mm x 3mm) | --- ### ### Core Electronic Components & Features #### 1. SpinAxis™ Hall Measurement The MA73FAD-R utilizes the proprietary **SpinAxis™** technology. Unlike traditional sensors that require complex signal processing, this technology samples the magnetic field vector directly. This results in: * **Zero Latency:** Extremely fast angle acquisition suitable for high-speed motor rotation. * **Side-Shaft/End-of-Shaft Support:** Flexibility in how the magnet is positioned relative to the chip. #### 2. Communication Interfaces The device is versatile in how it communicates with a Microcontroller (MCU): * **SPI (Serial Peripheral Interface):** Used for reading the absolute angle and configuring internal registers (such as zero-point settings). * **ABZ Interface:** Mimics a standard incremental optical encoder with programmable pulses per revolution (PPR). * **PWM Output:** Provides the angle as a duty cycle, useful for simple analog-like integration. #### 3. Programmable Non-Volatile Memory The part contains internal **OTP (One-Time Programmable)** memory. This allows engineers to permanently store configurations such as: * The "Zero" position of the magnet. * Magnetic field detection thresholds. * Rotation direction (Clockwise vs. Counter-Clockwise). --- ### ### Typical Application Circuit When designing a PCB for the MA73FAD-R, the following electronic layout is standard: ```mermaid graph LR A[Diametric Magnet] -- Magnetic Field --> B(MA73FAD-R) B -- SPI --> C[Microcontroller/MCU] B -- ABZ --> D[Motor Controller] E[3.3V Power] --> B ``` 1. **Bypass Capacitors:** A 100nF ceramic capacitor is required between VDD and GND, placed as close to the chip as possible to filter high-frequency noise. 2. **Magnet:** Requires a diametrically magnetized cylinder magnet (typically Neodymium). 3. **Pull-up Resistors:** If using the open-drain outputs, external resistors (typically 1kΩ - 10kΩ) are necessary. --- ### ### Comparison with Other Models The "FAD" suffix specifically denotes the resolution and performance tier within the MA73x series. While the MA702 or MA730 focus on different bit-depths or output speeds, the **MA73FAD-R** is optimized for high-reliability industrial sensing where a compact 3x3mm footprint is critical. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum RPM supported by the MA73FAD-R before accuracy degrades?
    • ⤷ Can the MA73FAD-R be used in automotive applications requiring AEC-Q100 qualification?
    • ⤷ How do I calibrate the zero-point using the SPI interface?