전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA73FAG-R

  • AI
    The **MA73FAG-R** is a specific electronic component, typically categorized as an **Electromagnetic Buzzer** or an **Indicator**, often manufactured by companies like **Mallory Sonalert Products**. These devices are designed to convert electrical energy into audible sound, primarily for alarm or feedback purposes. --- ### 1. Key Technical Specifications The "R" suffix usually indicates compliance with **RoHS** (Restriction of Hazardous Substances) standards. | Feature | Typical Specification | | :--- | :--- | | **Technology** | Electromagnetic (Magnetic) | | **Operating Voltage** | 3.0V - 7.0V DC (Nominal: 5V) | | **Frequency** | ~2300 Hz - 2800 Hz | | **Sound Pressure Level (SPL)** | ≥ 80 dB at 10cm | | **Current Consumption** | ~30mA - 40mA | | **Mounting Type** | Through-hole (PCB Mount) | | **Drive Type** | Internal Circuitry (Indicator) | --- ### 2. Functional Characteristics The MA73FAG-R is generally an **Indicator** rather than a Transducer. This distinction is critical for circuit design: * **Internal Drive Circuitry:** Unlike a transducer that requires an external AC signal or PWM, this part has a built-in oscillation circuit. * **Plug-and-Play:** When a DC voltage within the specified range is applied, it will immediately emit a continuous tone. * **Polarity Sensitive:** Because it contains internal electronics, the positive (+) and negative (-) leads must be connected correctly to function and avoid damage. --- ### 3. Physical Construction The part is housed in a circular or square plastic casing (usually Noryl or PPS) designed to withstand soldering temperatures. * **Pins:** Two rigid metal pins for insertion into a Printed Circuit Board (PCB). * **Venting:** Features a small hole on the top or side to allow sound waves to escape. * **Sealing:** Often comes with a removable wash-tab (sticker) on top to prevent cleaning fluids from entering the component during the PCB manufacturing process. --- ### 4. Implementation Example To use this part in a digital circuit (e.g., with an Arduino or Microcontroller), a simple transistor switch is recommended to handle the current draw. ```cpp // Basic code structure to trigger the buzzer const int buzzerPin = 9; void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { digitalWrite(buzzerPin, HIGH); // Sound ON delay(1000); digitalWrite(buzzerPin, LOW); // Sound OFF delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between an indicator and a transducer in buzzers?
    • ⤷ Can the MA73FAG-R be used with a 3.3V microcontroller directly?
    • ⤷ What are the common industrial applications for this specific buzzer?