전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA73FBA-R

  • AI
    The **MA73FBA-R** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications The following table outlines the general technical characteristics found in the MA73 series power inductors: | Feature | Specification | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Core Material** | Ferrite or Metal Alloy (application dependent) | | **Inductance Range** | Typically fixed (e.g., 1.0µH to 100µH) | | **Tolerance** | ±20% (Standard for "M" or "A" class) | | **Shielding** | Magnetically Shielded | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Characteristics The "73" in the part number usually refers to the physical dimensions of the package, while "R" often denotes the packaging style (Tape and Reel). * **Dimensions:** Approximately 7.3mm x 7.3mm (Square footprint). * **Profile:** Low-profile design suitable for compact electronic assemblies. * **Mounting:** SMT (Surface Mount Technology) with two solder pads on the bottom. --- ### 3. Functional Role in Circuits The MA73FBA-R serves several critical functions within an electronic system: 1. **Energy Storage:** Used in DC-DC converters (Buck/Boost) to store energy in a magnetic field during the switching cycle. 2. **Noise Suppression:** Acts as a low-pass filter to block high-frequency noise while allowing DC current to pass. 3. **Voltage Regulation:** Smooths out ripples in output voltage for sensitive components like CPUs or Sensors. --- ### 4. Common Applications Due to its shielded nature and power handling capabilities, it is commonly found in: * **Consumer Electronics:** Laptops, tablets, and gaming consoles. * **Power Supplies:** Switch-mode power supplies (SMPS). * **Automotive:** Infotainment systems and LED lighting drivers. * **Industrial:** DC-DC modules and motor control circuits. --- ### 5. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **MA** | Series Series/Manufacturer Code | | **73** | Size Code (7.3 x 7.3 mm) | | **FBA** | Material/Design variant | | **-R** | Tape & Reel Packaging |
    ✨ Follow-up Questions
    • ⤷What is the specific inductance value (uH) for the MA73FBA-R?
    • ⤷ Can this inductor be used in high-temperature automotive applications?
    • ⤷ What are the equivalent alternatives for this specific part?