전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA73TBD-R

  • AI
    The **MA73TBD-R** is an electronic component from the **MA series**, typically categorized as a **Small Signal Diode** (commonly a switching diode or Schottky barrier diode depending on the specific sub-series) manufactured by Panasonic. Below is a detailed breakdown of the characteristic electronic parts and specifications for this component. --- ## 1. Technical Specifications Small signal diodes like the MA73TBD-R are designed for high-speed switching and circuit protection. | Parameter | Typical Value / Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Diode (SBD) / Switching Diode | | **Configuration** | Single Diode | | **Forward Current ($I_F$)** | ~30mA to 100mA (Application dependent) | | **Reverse Voltage ($V_R$)** | ~30V | | **Forward Voltage ($V_F$)** | Low (typically < 0.4V at low currents) | | **Package Type** | Mini2-G3 (SMD/Surface Mount) | | **RoHS Compliant** | Yes | --- ## 2. Key Features The "MA" series from Panasonic is known for specific electrical traits optimized for mobile and compact electronics: * **Low Forward Voltage ($V_F$):** Ideal for power efficiency and battery-operated devices. * **High-Speed Switching:** Capable of handling high-frequency signals with minimal recovery time. * **Compact Footprint:** The "Mini2" package is designed for high-density PCB mounting. * **Low Capacitance:** Reduces signal distortion in high-speed data lines. --- ## 3. Part Number Breakdown The suffixing in Panasonic components often denotes packaging and orientation: * **MA:** Panasonic Diode Series prefix. * **73:** Specific electrical characteristic code. * **TBD:** Internal manufacturing/revision code. * **-R:** Usually indicates **Tape and Reel** packaging (Embossed carrier tape). --- ## 4. Common Applications Due to its small size and fast response time, the MA73TBD-R is used in: 1. **Rectification:** Converting small AC signals to DC. 2. **Signal Clamping:** Protecting sensitive IC inputs from voltage spikes. 3. **Reverse Current Protection:** Preventing battery damage in small gadgets. 4. **Logic Circuits:** Serving as a high-speed switch in digital processing. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact Forward Voltage (Vf) drop for the MA73TBD-R at its rated current?
    • ⤷ Is there a direct equivalent replacement for this diode from other manufacturers like ONsemi or Rohm?
    • ⤷ What are the dimensions of the Mini2-G3 package used by this component?