전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA74FBX-R

  • AI
    The **MA74FBX-R** is a specific surface-mount (SMD) fast recovery diode, often utilized in power management and signal rectification circuits. It is part of the MA74 series, typically manufactured by Panasonic or similar semiconductor vendors. ## 1. Component Overview The MA74FBX-R is a **Schottky Barrier Diode** or a **Fast Recovery Diode** (depending on the specific manufacturer sub-series) designed for high-frequency switching and low forward voltage drops. ### Key Technical Specifications | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | Schottky / Fast Recovery | High-speed switching capability. | | **Package** | Mini2-F3-B (SMD) | Compact surface mount footprint. | | **Forward Voltage ($V_F$)** | ~0.4V - 0.55V | Low voltage drop for efficiency. | | **Reverse Voltage ($V_R$)** | 30V - 40V | Maximum blocking voltage. | | **Forward Current ($I_F$)** | 30mA - 100mA | Low power signal application. | | **Configuration** | Single Diode | Two terminals (Anode/Cathode). | --- ## 2. Structural Features * **Small Footprint:** The "FBX" suffix often denotes a specific lead-free or halogen-free package variant suitable for dense PCB layouts. * **High Speed:** Because it uses a Schottky barrier (metal-semiconductor junction), it has near-zero reverse recovery time ($t_{rr}$), making it ideal for high-speed digital circuits. * **Low Capacitance:** Designed to minimize signal distortion in high-frequency paths. --- ## 3. Common Applications Due to its small size and fast switching characteristics, the MA74FBX-R is commonly found in: 1. **Mobile Electronics:** Battery-operated devices where low power loss is critical. 2. **Signal Clipping:** Protecting sensitive IC inputs from voltage spikes. 3. **Reverse Polarity Protection:** Preventing damage if a small battery is inserted incorrectly. 4. **DC-DC Converters:** Acting as a freewheeling diode in low-power switching regulators. --- ## 4. Marking and Identification On a PCB, these parts are usually identified by a small 2-digit or 3-digit code on the body (e.g., "M1" or "74") rather than the full part number, due to the miniature size of the package.
    ✨ Follow-up Questions
    • ⤷ What are the pinout dimensions for the Mini2-F3-B package?
    • ⤷ How does the MA74FBX-R compare to a standard 1N4148 signal diode?
    • ⤷ What is the maximum operating temperature for this component?