전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA75TAX-R

  • AI
    The **MA75TAX-R** refers to a high-reliability, radiation-hardened (Rad-Hard) Schottky Diode power module, typically manufactured by companies like Microsemi (now Microchip). These components are engineered for aerospace, satellite, and high-performance military applications. --- ### 1. Key Technical Specifications The "R" suffix often indicates **Radiation Hardness Assurance (RHA)** levels, critical for space environments. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Schottky Rectifier / Diode | | **Configuration** | Dual Common Cathode (usually) | | **Voltage Rating (Vrrn)** | ~45V to 150V (model dependent) | | **Current Rating (Io)** | High Current (e.g., 60A - 75A per leg) | | **Package Type** | TO-254 or similar high-reliability hermetic package | | **Operating Temp** | -65°C to +150°C | --- ### 2. Physical and Structural Parts The construction of the MA75TAX-R is designed for extreme durability and thermal management. * **Silicon Die:** High-grade Schottky barrier chip designed for low forward voltage drop ($V_f$) to minimize power loss. * **Hermetic Package:** Usually a ceramic-to-metal seal (like the TO-254) that prevents moisture and gas ingress, ensuring long-term reliability in a vacuum (space). * **Internal Interconnects:** Heavy-duty wire bonding (often aluminum or gold) to handle high surge currents. * **Baseplate:** Isolated or non-isolated copper/tungsten base used for efficient heat dissipation to a cold plate or heatsink. --- ### 3. Electronic Characteristics #### Low Forward Voltage Drop Because it is a Schottky diode, it has a lower $V_f$ than standard silicon diodes. This is crucial for efficiency in power supplies. #### Fast Switching Speed It features negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency switching regulators. #### Radiation Hardening The "electronic parts" within the semiconductor lattice are processed to resist: * **TID (Total Ionizing Dose):** Accumulative damage from radiation. * **SEE (Single Event Effects):** Instantaneous malfunctions caused by heavy ions. --- ### 4. Typical Applications The MA75TAX-R is commonly found in the following electronic systems: 1. **Satellite Power Bus:** Rectification for solar array power systems. 2. **DC-DC Converters:** High-efficiency voltage regulation in avionics. 3. **Reverse Polarity Protection:** Protecting sensitive satellite electronics from power spikes or installation errors. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact current rating for the MA75TAX-R variant?
    • ⤷ How does the hermetic TO-254 package differ from standard commercial packages?
    • ⤷ What are the specific radiation dose ratings (krad) for this component?