전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA75TBD-R

  • AI
    The **MA75TBD-R** is a specific model within a series of professional-grade power solutions, typically associated with **Mean Well** (or similar industrial power supply manufacturers). It is a DC-DC converter or an AC-DC module designed for high-reliability applications. --- ### 1. Key Technical Specifications The "75" in the part number usually indicates the wattage, while the letters signify the package type and output configuration. | Feature | Specification | | :--- | :--- | | **Power Rating** | 75 Watts | | **Input Voltage Range** | Typically wide-range (e.g., 2:1 or 4:1 ratio) | | **Output Type** | Triple Output (Commonly +5V, +12V, -12V or +5V, +15V, -15V) | | **Efficiency** | Generally 82% to 88% | | **Isolation** | 1500V DC to 3000V DC (Input to Output) | | **Package Style** | Enclosed or Open Frame (Chassis Mount) | --- ### 2. Electronic Component Breakdown The internal circuitry of the MA75TBD-R consists of several critical stages: #### A. Input Filtering (EMI/EMC) * **Common Mode Chokes:** Used to suppress electromagnetic interference. * **Capacitors (X and Y class):** Filter out high-frequency noise coming from the source. #### B. Power Conversion (The Switching Stage) * **PWM Controller:** The "brain" of the unit that regulates the switching frequency to maintain a stable output. * **MOSFETs:** High-speed transistors that switch the DC input to create a high-frequency AC signal for the transformer. #### C. Isolation and Transformation * **High-Frequency Transformer:** Provides galvanic isolation between the input and output stages while stepping the voltage up or down as required. #### D. Rectification and Output Filtering * **Schottky Diodes:** Used for high-speed rectification of the AC signal back to DC. * **Low ESR Electrolytic Capacitors:** These smooth out the voltage ripples to provide clean DC power to the load. --- ### 3. Application Areas Because of its triple-output nature, the MA75TBD-R is ideal for systems requiring multiple voltage rails: 1. **Industrial Automation:** Powering PLCs (5V) and sensors/actuators (12V/24V). 2. **Telecommunications:** Reliable power for networking hubs and routers. 3. **Medical Equipment:** Used in diagnostic tools where isolation and stability are critical. 4. **Test and Measurement:** Providing split-rail power (Positive/Negative) for Operational Amplifiers (Op-Amps). --- ### 4. Safety and Protection Features * **Overload Protection (OLP):** Shuts down or limits current if the load exceeds 75W. * **Short Circuit Protection (SCP):** Automatically recovers once the short is removed. * **Overvoltage Protection (OVP):** Protects sensitive downstream components from spikes.
    ✨ Follow-up Questions
    • ⤷ What are the specific output voltage values for the 'TBD' configuration?
    • ⤷ Is the MA75TBD-R compatible with DIN-rail mounting?
    • ⤷ What is the operating temperature range for this specific power module?