전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MA7HFBG-R

  • AI
    ## Technical Overview: MA7HFBG-R The **MA7HFBG-R** is a high-performance, ultra-compact **Magnetic Angular Sensor** (Magnetic Encoder) developed by **Monolithic Power Systems (MPS)**. It belongs to the MagAlpha family, designed to replace traditional optical encoders or potentiometers in space-constrained applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensor Type** | Giant Magnetoresistive (GMR) / Hall Effect (Angle) | | **Resolution** | 12-bit (0.087 degrees) | | **Interface** | SPI, PWM, ABZ (Quadrature), UVW | | **Supply Voltage** | 3.0V to 3.6V | | **Supply Current** | ~12mA | | **Operating Temp** | -40°C to +125°C | | **Package** | QFN-16 (3mm x 3mm) | --- ### 2. Core Electronic Components & Functions The MA7HFBG-R integrates several critical electronic sub-systems within its tiny QFN package: #### A. Front-End Sensing Element The chip uses a spin-axis sensing technology. It detects the absolute angular position of a permanent magnet (typically a diametrically magnetized cylinder) rotating above or to the side of the chip. #### B. Signal Processing (DSP) * **ADC (Analog to Digital Converter):** Converts the raw magnetic sine/cosine signals into digital data. * **Angle Calculation Engine:** Uses a CORDIC-like algorithm to calculate the angle in real-time with very low latency (typically < 3µs). #### C. Output Interfaces The device is highly versatile due to its multiple output formats: 1. **SPI (Serial Peripheral Interface):** Used for primary data reading and configuration of internal registers (zero-setting, filter settings). 2. **ABZ / Incremental:** Mimics a standard optical encoder with A/B quadrature signals and an Index (Z) pulse. 3. **UVW:** Used for Commutation in Brushless DC (BLDC) motors, simulating Hall effect switch outputs. 4. **PWM:** A pulse-width modulated signal where the duty cycle represents the angle. --- ### 3. Application Circuitry Requirements To integrate the MA7HFBG-R, the following electronic considerations are necessary: * **Decoupling Capacitors:** Standard 100nF and 1µF ceramic capacitors must be placed close to the VDD pins to filter high-frequency noise. * **Magnetic Alignment:** The "R" in the part number often denotes specific packaging or rotation orientations. The magnet must be placed within a specific Z-distance (typically 1mm to 3mm) to maintain a magnetic field strength between 30mT and 100mT. * **Pull-up Resistors:** If using the Open-Drain outputs (like certain ABZ configurations), external pull-up resistors to the logic voltage (3.3V) are required. --- ### 4. Typical Use Cases * **Robotics:** Joint position sensing for small robotic arms. * **BLDC Motors:** Replacing discrete Hall sensors for smoother commutation. * **Consumer Electronics:** Digital volume knobs or 360-degree joysticks. * **Drones:** Gimbal motor control and orientation sensing. ---
    ✨ Follow-up Questions
    • ⤷What are the specific magnet requirements (shape and strength) for the MA7HFBG-R?
    • ⤷ How does the MA7HFBG-R compare to an optical encoder in terms of durability?
    • ⤷ Can the SPI interface be used simultaneously with the ABZ incremental outputs?