AI

The **MA7L1FAG-R** is a specific electronic component, typically categorized as a high-performance **Surface Mount (SMD) Power Inductor**. These parts are commonly used in power management circuits to store energy and filter noise.
---
### 1. Key Technical Specifications
The following table outlines the general characteristics associated with this series of inductors:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fixed Power Inductor |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Core Material** | Metal Alloy / Magnetic Powder |
| **Shielding** | Magnetically Shielded (Low EMI) |
| **Operating Temperature** | Typically -40°C to +125°C |
| **Common Applications** | DC-DC Converters, Laptops, Servers, and VRMs |
---
### 2. Functional Breakdown
* **Metal Alloy Construction:** Unlike traditional ferrite inductors, the "MA" (Metal Alloy) series uses compressed magnetic powder. This allows for a higher **Saturation Current ($I_{sat}$)**, meaning the inductor can handle large spikes in current without losing its inductance.
* **Magnetic Shielding:** The part is molded, which encapsulates the coil. This prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components on the PCB.
* **Low DCR (DC Resistance):** These parts are designed with flat-wire or high-conductivity coils to minimize power loss as heat, improving the overall efficiency of the power supply.
---
### 3. Part Number Decoding (Typical)
While naming conventions vary by manufacturer (such as Cyntec or Susumu), the code generally breaks down as follows:
1. **MA:** Series designation (Metal Alloy).
2. **7L / 1:** Physical size dimensions (e.g., 7.0mm x 6.5mm).
3. **FAG:** Internal material code or performance tier.
4. **R:** Tolerance or Packaging (often "R" denotes Tape & Reel for automated assembly).
---
### 4. Circuit Implementation Example
In a standard Buck Converter (Step-Down), the MA7L1FAG-R acts as the output filter:
```python
# Simplified Power Stage Logic
Input_Voltage = 12.0 # Volts
Switching_Frequency = 500000 # 500kHz
# The Inductor (MA7L1FAG-R) smooths the current
Output_Current = "Stable DC"
```
- ⤷
What is the specific inductance value (uH) for the MA7L1FAG-R?
- ⤷ Which manufacturers produce this specific part number?
- ⤷ What is the maximum current rating (Amperes) for this inductor?