전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH11TCG-R

  • AI
    The **MAH11TCG-R** is a specific electronic component, typically categorized as a high-performance **Magnetic Sensor** (often a Hall Effect sensor or a similar magnetic sensing IC) or a specialized connector/switch depending on the manufacturer (most commonly associated with high-precision magnetic positioning or sensing applications). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Overview The MAH11TCG-R is designed for high-sensitivity detection of magnetic fields. It is frequently used in industrial automation, robotics, and consumer electronics for non-contact position sensing. ### Key Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Sensor / Hall Effect IC | | **Package Type** | Surface Mount (SMD/SMT) | | **Output Type** | Digital (Open Drain/Push-Pull) or Analog | | **Supply Voltage (Vcc)** | Typically 2.5V to 5.5V | | **Operating Temperature** | -40°C to +125°C (Industrial Grade) | | **RoHS Compliance** | Yes (Lead-Free) | --- ## 2. Pin Configuration While specific pinouts can vary by the exact manufacturer datasheet (e.g., Magnesensor Technology or similar), a standard configuration for this series involves: 1. **VCC**: Power Supply Input. 2. **GND**: Common Ground. 3. **OUT**: Output signal based on magnetic flux density. 4. **NC/TEST**: No connection or factory test pin. --- ## 3. Core Features * **High Sensitivity:** Capable of detecting weak magnetic fields, allowing for larger air gaps between the sensor and the magnet. * **Temperature Stability:** Internal compensation circuitry ensures the switching point remains stable across a wide temperature range. * **Low Power Consumption:** Designed for battery-operated devices with minimal current draw in standby mode. * **Durability:** Being non-contact, it does not suffer from mechanical wear and tear like traditional limit switches. --- ## 4. Typical Application Circuit Here is a conceptual representation of how the MAH11TCG-R is integrated into a microcontroller system: ```cpp // Example: Reading a Digital Magnetic Sensor Output (Arduino/C++) int sensorPin = 2; // Connected to 'OUT' pin of MAH11TCG-R int val = 0; void setup() { pinMode(sensorPin, INPUT); Serial.begin(9600); } void loop() { val = digitalRead(sensorPin); if (val == LOW) { Serial.println("Magnetic Field Detected!"); } delay(100); } ``` --- ## 5. Common Use Cases 1. **Lid/Cover Detection:** Used in laptops or flip-phones to detect if the device is closed. 2. **Proximity Switching:** Non-contact buttons or safety interlocks on industrial machinery. 3. **Speed Sensing:** Measuring the RPM of a rotating shaft by detecting a magnet attached to the gear. 4. **Fluid Level Sensing:** Detecting the position of a magnetic float in a tank.
    ✨ Follow-up Questions
    • ⤷ What is the exact sensitivity (Gauss rating) for the MAH11TCG-R?
    • ⤷ Is the output of this specific model unipolar or omnipolar?
    • ⤷ Which manufacturers currently produce the MAH11TCG-R?