전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH12FBD-R

  • AI
    ## Overview of the MAH12FBD-R The **MAH12FBD-R** is a specific electronic component, typically categorized as a **Surface Mount (SMT) Power Inductor** or a **Magnetic Bead** depending on the specific series by manufacturers like Taiyo Yuden or similar specialty suppliers. It is designed for noise suppression and power management in compact electronic devices. --- ### 1. Technical Specifications The part number follows a specific nomenclature. Below is a breakdown of its typical electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Case Size** | 1210 (Metric 3225) | | **Inductance / Impedance** | Varies by manufacturer (often 1.2µH or specific Ω at 100MHz) | | **Current Rating (Isat/Irms)** | High current capability (range of 1.0A to 2.5A) | | **DC Resistance (DCR)** | Low resistance to minimize power loss | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount Device (SMD) | --- ### 2. Key Electronic Features * **Magnetic Shielding:** These components are usually magnetically shielded to prevent Electromagnetic Interference (EMI) from affecting surrounding circuits. * **High Saturation Current:** Designed to maintain its inductive properties even when high levels of direct current (DC) pass through it. * **Multilayer Structure:** Often utilizes a ferrite multilayer process which allows for a smaller footprint while maintaining high performance. --- ### 3. Application Areas The MAH12FBD-R is commonly integrated into the following circuits: 1. **DC-DC Converters:** Used as a power inductor to store energy and filter output ripple. 2. **Noise Filtering:** Acts as a low-pass filter in power lines for smartphones, tablets, and laptops. 3. **EMI Suppression:** Prevents high-frequency noise from escaping the power supply unit and interfering with wireless signals (Wi-Fi/Bluetooth). --- ### 4. Comparison Table: Inductor vs. Bead (Contextual) | Feature | Power Inductor Version | Magnetic Bead Version | | :--- | :--- | :--- | | **Primary Goal** | Energy Storage | Noise Dissipation (Heat) | | **Q-Factor** | High | Low | | **Circuit Position** | Switching regulators | Power supply rails / Ground | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the MAH12FBD-R version you are using?
    • ⤷ Are you looking for a direct cross-reference or replacement for this part?
    • ⤷ In what specific device or circuit is this component currently installed?