전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH12TAX-R

  • AI
    The **MAH12TAX-R** is a high-performance, non-isolated DC-DC converter module, typically classified as a **Point-of-Load (POL)** regulator. These components are designed to step down voltage at the point of use on a circuit board to ensure high efficiency and minimal voltage drops. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the MAH12TAX-R: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Input Voltage Range** | 10V to 14V DC | Optimized for 12V bus systems | | **Output Voltage** | 0.75V to 5.0V DC | Programmable via external resistor | | **Maximum Output Current** | 12 Amperes | High power density | | **Efficiency** | Up to 94% | Varies based on load and Vout | | **Topology** | Non-isolated Buck | Common ground for input/output | | **Form Factor** | SIP or SMT | Usually vertical/horizontal through-hole or surface mount | --- ### 2. Core Functional Parts & Features To understand how this part operates, it is broken down into its functional electronic sub-systems: #### A. Power Stage (MOSFETs) The module integrates high-side and low-side power MOSFETs. These transistors switch at high frequencies to convert the 12V input into a lower, regulated output voltage with minimal heat dissipation. #### B. PWM Controller The "brain" of the module is an integrated Pulse Width Modulation (PWM) controller. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain stability even when the input voltage or load current changes. #### C. Filtering Components * **Inductor:** A high-Q power inductor is integrated into the module to smooth the switching current. * **Input/Output Capacitance:** While the module contains internal bypass capacitors, it typically requires external low-ESR ceramic capacitors to meet ripple specifications. #### D. Protection Circuitry * **Over-Current Protection (OCP):** Automatically limits current or "hiccups" to prevent damage during a short circuit. * **Over-Temperature Protection (OTP):** Shuts down the module if internal temperatures exceed safe operating limits. * **Under-Voltage Lockout (UVLO):** Ensures the module does not attempt to operate until the input voltage is high enough to be stable. --- ### 3. Application Pins Standard configurations for this series include: 1. **Vin:** Input power supply. 2. **GND:** Common ground. 3. **Vout:** Regulated output power. 4. **Trim:** Connecting a resistor between Trim and GND sets the output voltage. 5. **Remote On/Off (Enable):** Allows a microcontroller to turn the power rail on or off. 6. **Remote Sense:** Compensates for voltage drops across PCB traces by sensing the voltage directly at the load. ---
    ✨ Follow-up Questions
    • ⤷ What is the formula to calculate the external trim resistor for a specific output voltage?
    • ⤷ What are the recommended external input and output capacitor values for the MAH12TAX-R?
    • ⤷ Does this module support parallel operation for higher current requirements?