전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH14TBA-R

  • AI
    The **MAH14TBA-R** is a high-performance **Micro-Electro-Mechanical Systems (MEMS)** oscillator, typically manufactured by Abracon. It is designed to serve as a high-stability timing reference for various electronic circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Key Technical Specifications The "MAH" series is known for its high frequency range and low power consumption. Here are the typical parameters for this component: | Parameter | Specification | |:---|:---| | **Component Type** | MEMS Oscillator | | **Package Size** | 1.6 x 1.2 mm (Ultra-miniature) | | **Supply Voltage (Vdd)** | 1.8V to 3.3V (Typical) | | **Frequency Stability** | ±25 ppm to ±50 ppm | | **Output Type** | CMOS / LVCMOS | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Current Consumption** | < 5mA (Active) | --- ### 2. Functional Electronic Parts The internal architecture of the MAH14TBA-R differs significantly from traditional quartz crystal oscillators. It consists of two primary integrated sections: #### A. MEMS Resonator * **Material:** Made of high-purity silicon. * **Function:** It acts as the mechanical vibrating element. Because it is silicon-based, it is far more resistant to mechanical shock and vibration than traditional quartz. #### B. Programmable CMOS IC * **PLL (Phase-Locked Loop):** This internal circuit multiplies the base frequency of the MEMS resonator to reach the target output frequency. * **Temperature Compensation:** Includes internal sensors that adjust the frequency based on ambient temperature to maintain stability. * **Output Driver:** Buffers the signal to provide a clean LVCMOS square wave to the rest of the PCB. --- ### 3. Pin Configuration The MAH14TBA-R usually features a 4-pin layout designed for surface mount technology (SMT): 1. **Pin 1 (OE/ST):** Output Enable or Standby mode. High = Active; Low = High Impedance/Power down. 2. **Pin 2 (GND):** Ground connection. 3. **Pin 3 (OUT):** The clock signal output. 4. **Pin 4 (Vdd):** Power supply input. --- ### 4. Advantages in Circuit Design * **Small Footprint:** At 1.6x1.2mm, it saves significant board space in mobile or wearable devices. * **Reliability:** MEMS technology has a much higher Mean Time Between Failures (MTBF) compared to quartz. * **Low Jitter:** Provides a stable clock signal suitable for microcontrollers and high-speed communication interfaces. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering requirements for the MAH14TBA-R package?
    • ⤷ How does MEMS oscillator stability compare to TCXO quartz oscillators?
    • ⤷ What is the typical startup time for this specific oscillator?