전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH18FAD-R

  • AI
    The **MAH18FAD-R** is a specific model of an **Axial Fan**, typically used in electronic cooling systems, industrial machinery, and power supplies. It is designed to move air along the axis of the fan to dissipate heat from components. --- ### 1. Technical Specifications The following table summarizes the typical electronic and mechanical characteristics of the MAH18FAD-R series: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | DC Axial Fan | | **Voltage** | 12V or 24V DC (Model dependent) | | **Bearing Type** | Ball Bearing (indicated by 'B') or Sleeve | | **Frame Size** | Approximately 80mm - 120mm | | **Material** | Thermoplastic PBT (Frame & Impeller) | | **Lead Wire** | UL1007 AWG#24 or similar | | **Protection** | Polarity Protection / Impedance Protection | --- ### 2. Key Electronic Components The internal PCB of the MAH18FAD-R contains several critical electronic parts that manage its operation: * **Brushless DC (BLDC) Motor:** Unlike brushed motors, this uses an electronic controller to switch currents, reducing wear and electrical noise. * **Hall Effect Sensor:** A small IC that detects the magnetic position of the rotor. This allows the controller to time the pulses sent to the coils accurately. * **Driver IC:** An integrated circuit that regulates the power flow to the stator windings. * **Commutation Circuitry:** Replaces the physical brushes found in older motors, switching the electromagnetic field to keep the fan spinning. --- ### 3. Wiring Configuration The "R" suffix often denotes specific lead wire configurations or regulatory compliance (like RoHS). Generally, these fans use a 2-wire or 3-wire system: 1. **Red Wire (+):** Positive DC Voltage. 2. **Black Wire (-):** Ground. 3. **Yellow/White Wire (Optional):** **Tachometer (FG) Signal** used by the motherboard or controller to monitor the RPM (Rotations Per Minute). --- ### 4. Application Areas * **Server Racks:** High-density cooling. * **Power Supplies (PSUs):** Removing heat from transformers and MOSFETs. * **Industrial Automation:** Cooling for PLC cabinets and motor drives.
    ✨ Follow-up Questions
    • ⤷ What is the exact CFM (airflow) rating for the MAH18FAD-R?
    • ⤷ Does this fan model support PWM speed control?
    • ⤷ What are the mounting dimensions for this specific fan?