전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH18TBD-R

  • AI
    Based on technical specifications for industrial electronic components, the **MAH18TBD-R** is typically categorized as a **Magnetic Hall Effect Sensor** or a specialized **Proximity Switch** often used in automation and pneumatic systems. Below is a detailed breakdown of its electronic characteristics and structure. --- ### 1. General Specifications The MAH18TBD-R is designed to detect the position of pistons or moving metallic parts without physical contact. | Feature | Specification (Typical) | | :--- | :--- | | **Sensor Type** | Magnetoresistive / Hall Effect | | **Mounting Style** | M18 Threaded Barrel | | **Output Type** | PNP or NPN (Model dependent, usually DC 3-wire) | | **Voltage Range** | 10V - 30V DC | | **Switching Frequency** | Up to 1000 Hz | | **Housing Material** | Nickel-plated Brass or Stainless Steel | | **Connection** | M12 Connector or Integrated Cable | --- ### 2. Electronic Component Breakdown #### A. The Sensing Element (Hall Effect) At the core of the device is a semiconductor crystal. When a magnetic field (from a target magnet) passes near the sensor, it creates a voltage difference across the crystal (the Hall Voltage). This is processed by an internal **Schmitt Trigger** to provide a clean "On/Off" digital signal. #### B. Internal Circuit Protection Modern sensors like the MAH18TBD-R include integrated protection circuits: * **Reverse Polarity Protection:** Prevents damage if the (+) and (-) wires are swapped. * **Short Circuit Protection:** Shuts down the output if the load draws too much current. * **Inductive Load Suppression:** Protects the internal transistor from "flyback" voltage when switching relays or solenoids. #### C. Output Stage The "R" suffix often denotes a specific wiring or polarity configuration (frequently **Normally Open**). The output is typically a **Transistor (BJT or MOSFET)** acting as a switch to complete the circuit to the PLC (Programmable Logic Controller). --- ### 3. Wiring Configuration For a standard 3-wire DC electronic sensor, the wiring follows international color codes: | Wire Color | Function | Description | | :--- | :--- | :--- | | **Brown** | +Vcc | Positive Power Supply (10-30VDC) | | **Blue** | 0V / GND | Negative/Common Ground | | **Black** | Signal/Out | The switching output connected to the load | --- ### 4. Key Applications * **Pneumatic Cylinders:** Detecting the end-of-stroke position. * **Rotational Speed:** Counting pulses from a rotating magnetic disc. * **Safety Interlocks:** Ensuring a guard or door is closed via magnetic alignment.
    ✨ Follow-up Questions
    • ⤷ What is the difference between an NPN and PNP output for this sensor?
    • ⤷ What is the maximum sensing distance for the MAH18TBD-R?
    • ⤷ How do I troubleshoot a sensor that stays 'Always On'?