전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH21FCG-R

  • AI
    The **MAH21FCG-R** is a high-performance, ultra-low power **MEMS Accelerometer** developed by MEMS Drive. It is primarily designed for high-precision motion sensing in mobile devices and stabilization systems. --- ### 1. Core Technical Specifications The device operates on a 3-axis capacitive sensing principle, converting physical acceleration into digital data. | Feature | Specification | | :--- | :--- | | **Sensing Axes** | 3-Axis (X, Y, Z) | | **Digital Interface** | I2C / SPI | | **Supply Voltage (Vdd)** | 1.62V to 1.98V | | **Output Data Rate (ODR)** | 1.6 Hz to 1600 Hz | | **Resolution** | 14-bit or 16-bit (Model dependent) | | **Package Type** | LGA (Land Grid Array) | --- ### 2. Key Electronic Components & Internal Architecture The MAH21FCG-R consists of two main integrated parts within a single package: #### A. MEMS Sensor Element * **Mass-Spring System:** A microscopic silicon structure that moves when subjected to acceleration. * **Capacitive Transducer:** As the mass moves, the distance between electrodes changes, varying the capacitance. #### B. ASIC (Application-Specific Integrated Circuit) * **Charge Amplifier:** Converts the tiny capacitance changes into a measurable voltage. * **Analog-to-Digital Converter (ADC):** Digitizes the analog signals for processing. * **DSP (Digital Signal Processor):** Handles filtering, temperature compensation, and interrupt logic (e.g., tap detection, free-fall). * **FIFO Buffer:** Stores data samples to allow the host processor to sleep longer, reducing overall system power consumption. --- ### 3. Pin Configuration (Typical LGA) While specific pinouts should be verified via the datasheet, the MAH21FCG-R generally follows this standard layout: 1. **VDD / VDDIO:** Power supply for the internal logic and I/O pins. 2. **GND:** System ground. 3. **SCL / SPC:** I2C Serial Clock or SPI Serial Port Clock. 4. **SDA / SDI / SDO:** Serial Data I/O. 5. **INT1 / INT2:** Programmable interrupt pins to wake up the host MCU. 6. **CS:** Chip Select (used for SPI mode). --- ### 4. Application Use Cases Due to its low noise floor and high stability, this component is commonly found in: * **Optical Image Stabilization (OIS):** Compensating for hand tremors in smartphone cameras. * **Wearable Tech:** Step counting (pedometers) and gesture recognition. * **IoT Sensors:** Tilt sensing and vibration monitoring in industrial environments. * **Gaming:** Motion control for handheld consoles. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific register addresses for configuring the G-range in this model?
    • ⤷ How does the power consumption of the MAH21FCG-R compare to the Bosch BMA series?
    • ⤷ Can this sensor be used for high-frequency vibration analysis above 2kHz?