전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH23FAG-R

  • AI
    The **MAH23FAG-R** is a high-performance, precision brushless DC (BLDC) motor, often categorized as a **Micro Actuator** or **Micro Motor**. These components are frequently utilized in specialized industries such as medical diagnostics, aerospace, and high-end robotics where space is limited but torque and reliability are critical. --- ### 1. Key Technical Specifications The following table highlights the typical electrical and physical characteristics of this series: | Parameter | Typical Value | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Rated Voltage** | 12V - 24V DC (Model dependent) | | **Feedback Type** | Integrated Hall Effect Sensors | | **Construction** | Rare Earth Permanent Magnet | | **Shaft Type** | Gear-integrated or D-cut | | **Bearings** | Precision Ball Bearings | --- ### 2. Core Electronic Components The "Electronic" side of this part refers to how it interacts with a motor controller and its internal sensing: * **Three-Phase Stator Windings:** The motor uses a 3-phase configuration (U, V, W). This requires an external **Electronic Speed Controller (ESC)** or a dedicated BLDC driver IC to commutate the current. * **Hall Effect Sensors:** The "R" in the suffix often denotes high-resolution feedback. These sensors detect the position of the rotor magnets to tell the controller exactly when to fire each phase. * **Permanent Magnet Rotor:** Typically made from Neodymium (NdFeB), providing high magnetic flux density which allows the motor to be extremely small while maintaining high torque. --- ### 3. Application Use-Cases Because of its precision, the MAH23FAG-R is usually found in: 1. **Medical Devices:** Insulin pumps, surgical robots, or laboratory automation. 2. **Optics:** Precision lens focusing or gimbal stabilization systems. 3. **Industrial Automation:** Miniature grippers and pick-and-place head actuators. --- ### 4. Integration Requirements To operate this part effectively, you will need the following electronic interface: ```cpp // Logic representation for a BLDC Driver controlling this motor void setup() { pinMode(PIN_PHASE_A, OUTPUT); pinMode(PIN_PHASE_B, OUTPUT); pinMode(PIN_PHASE_C, OUTPUT); pinMode(PIN_HALL_INPUT, INPUT); // Feedback from MAH23FAG-R } void loop() { // The controller reads Hall sensors and switches phases // to maintain rotation and torque. } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum torque rating for the MAH23FAG-R?
    • ⤷ Which motor driver ICs are most compatible with this specific model?
    • ⤷ Does this motor require an external encoder for closed-loop position control?