전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH23FCX-R

  • AI
    The **MAH23FCX-R** is a high-performance **Step-Down (Buck) Switching Regulator** module, commonly utilized in industrial and telecommunications equipment. It is designed to convert a higher DC input voltage into a stabilized lower DC output voltage with high efficiency. --- ## 1. Key Specifications The following table outlines the core electrical characteristics of the MAH23FCX-R: | Parameter | Value / Range | | :--- | :--- | | **Input Voltage ($V_{in}$)** | 36V to 75V DC (Standard 48V Telecom input) | | **Output Voltage ($V_{out}$)** | Fixed (Typically 3.3V or 5V depending on sub-variant) | | **Output Current ($I_{out}$)** | Up to 20A - 25A | | **Efficiency** | ~90% - 94% | | **Package Type** | Through-hole Module (Brick format) | | **Isolation** | Non-isolated (Common Ground) | --- ## 2. Core Electronic Components Internally, the MAH23FCX-R is an integrated power module consisting of several critical electronic stages: ### A. Power MOSFETs * **Function:** Act as high-speed switches. * **Detail:** These are low $R_{DS(on)}$ (On-resistance) transistors that minimize power loss during the switching phase, allowing the module to handle high current without excessive heat. ### B. Integrated Controller IC * **Function:** The "brain" of the module. * **Detail:** It uses **Pulse Width Modulation (PWM)** to regulate the output. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain stability regardless of load changes. ### C. Power Inductor * **Function:** Energy storage. * **Detail:** When the MOSFET is ON, the inductor stores energy in its magnetic field. When OFF, it releases that energy to the load, smoothing the current flow. ### D. Input and Output Filters * **Capacitors:** High-quality ceramic or polymer capacitors are used to reduce "ripple" (voltage fluctuations) and protect sensitive downstream components from electrical noise. --- ## 3. Advanced Features The module includes built-in protection circuitry to prevent damage to the electronic system: 1. **Over-Current Protection (OCP):** Automatically limits current if a short circuit occurs. 2. **Over-Temperature Protection (OTP):** Shuts down the module if internal temperatures exceed safe operating limits. 3. **Remote On/Off:** Allows the system microcontroller to enable or disable the power supply electronically. 4. **Voltage Trimming:** Often includes a "Trim" pin to allow fine-tuning of the output voltage via an external resistor. --- ## 4. Common Applications * **Telecommunications:** Powering base stations and network switches (48V rails). * **Industrial Automation:** Distributing power to PLCs and sensors. * **Data Centers:** High-density power conversion for server racks.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MAH23FCX-R module?
    • ⤷ How do I calculate the external resistor value for the voltage trim pin?
    • ⤷ Does the MAH23FCX-R require an external heatsink for maximum current output?