전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH24FAD-R

  • AI
    The **MAH24FAD-R** is a high-performance, brushless DC (BLDC) fan component typically used in server cooling, industrial equipment, and high-density electronics. It is manufactured by companies like **Nidec (UltraFlo)** or similar specialized thermal solution providers. Below is a breakdown of its electronic specifications and technical features. --- ### 1. Technical Specifications The following table highlights the core electrical characteristics of the MAH24FAD-R: | Parameter | Specification | Units | | :--- | :--- | :--- | | **Rated Voltage** | 24 | VDC | | **Operating Voltage Range** | 14.0 - 27.6 | VDC | | **Rated Current** | ~0.50 - 0.70 (Varies by revision) | Amps | | **Input Power** | ~12.0 - 16.8 | Watts | | **Rated Speed** | High RPM (Up to 10,000+) | RPM | | **Bearing Type** | Dual Ball Bearing | - | | **Termination** | Lead Wires (typically 3 or 4-pin) | - | --- ### 2. Key Electronic Components & Features #### A. Brushless DC (BLDC) Motor Controller The "brain" of the part is an integrated circuit (IC) that manages the commutation of the motor. Unlike brushed motors, the MAH24FAD-R uses electronic switching to rotate the permanent magnet rotor, which: * Reduces electromagnetic interference (EMI). * Significantly increases the lifespan of the component. #### B. PWM Control (Pulse Width Modulation) If the model features a 4-wire interface, it includes a PWM control input. This allows the host system (like a motherboard or PLC) to: * Adjust the fan speed dynamically based on temperature. * Reduce power consumption during low-load periods. #### C. Tachometer (Frequency Generator) Output The "R" or "F" designations in these part numbers often signify a **Tachometer Output** (Square wave signal). * **Purpose:** It sends a signal back to the system to monitor the actual RPM. * **Safety:** If the fan stalls or fails, the system detects the lack of signal and can trigger an emergency shutdown to prevent overheating. #### D. Protection Circuitry The internal PCB (Printed Circuit Board) of the fan includes: * **Locked Rotor Protection:** Automatically cuts or pulses power if the blades are obstructed to prevent the coils from burning out. * **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are connected incorrectly. --- ### 3. Physical & Material Construction * **Frame/Impeller:** High-grade UL94V-0 plastic (flame retardant). * **Bearings:** Dual ball bearings provide the best reliability for 24/7 operation and allow the fan to be mounted in any orientation (horizontal or vertical). ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 4-wire version of this fan?
    • ⤷ Can this fan be used with a 12V power supply at reduced speed?
    • ⤷ What are the CFM (Airflow) ratings for the MAH24FAD-R?