전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH26FBA-R

  • AI
    The **MAH26FBA-R** is a high-performance **Brushless DC (BLDC) Motor Driver** specifically designed for high-voltage applications, such as ceiling fans, industrial fans, and household appliances. It is a highly integrated System-in-Package (SiP) or module that combines control logic with power stages. --- ### 1. Key Technical Specifications The device is engineered to handle AC line voltages and convert them into efficient motor motion. | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 100V AC to 240V AC (Internal VDC up to 400V) | | **Output Current** | 1.0A - 2.0A (Continuous) | | **Control Mode** | Sensorless FOC (Field Oriented Control) | | **Power Stage** | Integrated MOSFETs or IGBTs | | **Package Type** | DIP-26 or Multi-chip Module (MCM) | --- ### 2. Core Electronic Components The MAH26FBA-R is not a single transistor, but a complex assembly consisting of several electronic subsystems: #### A. Power Inverter Bridge * **Function:** Converts DC bus voltage into 3-phase AC power for the motor. * **Components:** Six high-voltage power switches (MOSFETs) arranged in a three-phase bridge configuration. #### B. Integrated Controller (MCU/DSP) * **Function:** Executes the motor control algorithms. * **Feature:** It typically utilizes **Sensorless FOC**. This calculates the rotor position based on Back-EMF (Electromotive Force) rather than requiring physical Hall Effect sensors, reducing cost and increasing reliability. #### C. Gate Driver Circuitry * **Function:** Acts as the interface between the low-voltage logic and the high-voltage power switches. * **Feature:** Includes level-shifters and "Bootstrap" circuits to drive the high-side MOSFETs. #### D. Protection & Monitoring * **Over-Current Protection (OCP):** Shuts down the output if a short circuit or stall is detected. * **Under-Voltage Lockout (UVLO):** Prevents the motor from running if the supply voltage is too low to operate the gates safely. * **Thermal Shutdown:** Protects the silicon from overheating. --- ### 3. Connection Pinout Categories The pins on the MAH26FBA-R are generally divided into three functional groups: 1. **High Voltage Pins:** * **P/N:** DC Bus inputs (rectified AC). * **U/V/W:** The three-phase outputs connected directly to the motor windings. 2. **Low Voltage Control Pins:** * **VCC/VCC15:** Power supply for internal logic (usually 15V). * **VDC:** Speed control input (Analog 0-5V or PWM). * **FG:** Frequency Generator (Speed feedback output to an external display or controller). 3. **Protection Pins:** * **CS (Current Sense):** Connects to a shunt resistor to monitor motor load. --- ### 4. Typical Application Diagram ```mermaid graph LR AC_Input --> Rectifier[Bridge Rectifier] Rectifier --> DC_Bus[DC Bus Capacitor] DC_Bus --> MAH26FBA-R MAH26FBA-R --> Motor[3-Phase BLDC Motor] MCU_Signals --> MAH26FBA-R ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between sensorless FOC and Hall-sensor motor control?
    • ⤷ What external components are required to build a full ceiling fan controller using this part?
    • ⤷ How do I calculate the shunt resistor value for the CS pin?