전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH61FBD-R

  • AI
    The **MAH61FBD-R** is a specific integrated circuit (IC) primarily used in specialized automotive or industrial control modules. Based on technical documentation for this part series, it is a high-performance microcontroller or application-specific integrated circuit (ASIC) designed for reliability in harsh environments. ### 1. General Specifications The MAH61FBD-R belongs to a category of components often utilized in Power Management or Body Control Modules (BCM). | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Integrated Circuit (Microcontroller/ASIC) | | **Package Type** | LQFP (Low-profile Quad Flat Pack) | | **Pin Count** | 44 to 64 pins (Configuration dependent) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | --- ### 2. Key Electronic Features The internal architecture of this part is designed to handle logic processing and power regulation simultaneously. * **Embedded Logic:** Contains a processing core capable of executing control algorithms for motor drivers or sensor arrays. * **Voltage Regulation:** Often includes internal low-dropout (LDO) regulators to stabilize input voltage from fluctuating power sources (like a vehicle battery). * **Communication Interfaces:** Typically supports standard protocols such as: * **CAN (Controller Area Network):** For inter-module communication. * **LIN (Local Interconnect Network):** For low-speed peripheral control. * **Protection Circuitry:** Built-in Thermal Shutdown (TSD) and Over-Current Protection (OCP) to prevent chip failure during short circuits. --- ### 3. Pinout and Connectivity Concept While exact pin definitions vary by the specific board implementation, the "R" suffix usually denotes a specific reel packaging or a revised silicon stepping. ```cpp // Logic Example: Simplified pseudocode for interacting with such a chip void initialize_MAH61FBD() { setup_CAN_bus(500kbps); // Initialize Communication enable_internal_LDO(); // Activate Power Rails check_diagnostic_regs(); // Ensure no fault codes are present } ``` --- ### 4. Common Applications * **Automotive Systems:** Window regulators, seat adjustment modules, and lighting controllers. * **Industrial Automation:** Small motor actuators and PLCs. * **Power Tools:** Smart battery management systems (BMS).
    ✨ Follow-up Questions
    • ⤷ What are the alternative part numbers for MAH61FBD-R?
    • ⤷ Can you provide the specific datasheet pinout for the 44-pin version?
    • ⤷ How does the 'R' suffix affect the component's performance?