전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • MAH62TCG-R

  • AI
    ## Detailed Overview: MAH62TCG-R The **MAH62TCG-R** is a specific technical component, typically identified as a high-performance **Crystal Oscillator** or a specialized **Micro-controller/SoC variant** depending on the manufacturer (commonly associated with frequency control components or specialized automotive/industrial ICs). Below is a breakdown of the typical electronic characteristics and specifications for a component with this naming convention. --- ### 1. Technical Specifications This part is engineered for precision timing and signal processing. Here are the core electronic parameters: | Feature | Specification | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Crystal Oscillator / IC | | **Operating Voltage** | 1.8V to 3.3V (Typical) | | **Frequency Range** | Varies by sub-model (often MHz range) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Type** | Ceramic / LCC (Leadless Chip Carrier) | | **RoHS Status** | Compliant (Lead-Free) | --- ### 2. Key Electronic Characteristics * **Low Phase Jitter:** Designed to minimize signal noise, making it suitable for high-speed data transmission. * **Thermal Stability:** Maintains frequency accuracy across a wide range of temperatures, essential for outdoor or industrial environments. * **Power Consumption:** Optimized for low-power applications, extending battery life in portable electronics. * **Tri-state Function:** Often includes an Enable/Disable pin (Pin 1) to allow the output to go into a high-impedance state, saving power when the clock signal is not needed. --- ### 3. Pin Configuration (Typical) For standard SMD oscillators in this category, the pinout usually follows this structure: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1 | OE or NC | Output Enable or No Connection | | 2 | GND | Ground connection | | 3 | Output | Frequency signal output | | 4 | Vdd | Power supply voltage | --- ### 4. Common Applications Due to its precision and reliability, the **MAH62TCG-R** is frequently found in: 1. **Telecommunications:** Base stations and networking hardware. 2. **Consumer Electronics:** High-definition video equipment and smart devices. 3. **Automotive Systems:** Navigation units and advanced driver-assistance systems (ADAS). 4. **Industrial:** PLC controllers and automated sensing equipment. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the 'TCG' variant of this part?
    • ⤷ Can this component be used in automotive AEC-Q200 qualified designs?
    • ⤷ What are the recommended soldering reflow profiles for this specific package?